Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 34Page - Microchip Technology USB3500 Datasheet HTML 35Page - Microchip Technology USB3500 Datasheet HTML 36Page - Microchip Technology USB3500 Datasheet HTML 37Page - Microchip Technology USB3500 Datasheet HTML 38Page - Microchip Technology USB3500 Datasheet HTML 39Page - Microchip Technology USB3500 Datasheet HTML 40Page - Microchip Technology USB3500 Datasheet HTML 41Page - Microchip Technology USB3500 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
USB3500
DS00002103A-page 38
2005 - 2016 Microchip Technology Inc.
6.15
Application Diagram
FIGURE 6-10:
USB3500 APPLICATION DIAGRAM (TOP VIEW)
USB
Connector
(Standard
or Mini)
UTMI+
Interface
to Link
5 Volt
Supply
VDD3.3
3.3 Volt
Supply
C
LOAD
ID
33
C
LOAD
C
VBUS
Host Only
C
VBUS
Host
Device
OTG Device
Min
100uF
1uF
1uF
Max
10uF
6.5uF
SESSVLD
DATA[1]
DATA[0]
DATA[2]
DATA[3]
DATA[4]
DATA[5]
DATA[6]
DATA[7]
RXVALID
SESSEND
DISCHRGVBUS
HOSTDISC
DM
DP
VDD3.3
VDD3.3
VBUS
TXREADY
TERMSEL
XCVRSEL0
10
11
12
13
14
42
41
29
30
31
32
34
35
36
37
38
39
40
33
1
2
3
4
5
6
7
8
9
USB3500
Hi-Speed USB
UTMI+ PHY
56 Pin QFN
GND FLAG
RESET
TXVALID
SUSPENDN
ID
DM
DP
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com