Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 53 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 53 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 49Page - STMicroelectronics A6986F Datasheet HTML 50Page - STMicroelectronics A6986F Datasheet HTML 51Page - STMicroelectronics A6986F Datasheet HTML 52Page - STMicroelectronics A6986F Datasheet HTML 53Page - STMicroelectronics A6986F Datasheet HTML 54Page - STMicroelectronics A6986F Datasheet HTML 55Page - STMicroelectronics A6986F Datasheet HTML 56Page - STMicroelectronics A6986F Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
DocID027739 Rev 1
53/72
A6986F
Application notes
72
7.6.2
Inductor selection
The inductor current ripple flowing into the output capacitor determines the output voltage
ripple (please refer to Section 7.6.3). Usually the inductor value is selected in order to keep
the current ripple lower than 20% - 40% of the output current over the input voltage range.
The inductance value can be calculated by Equation 50:
Equation 50
Where TON and TOFF are the on and off time of the internal power switch. The maximum
current ripple, at fixed VOUT, is obtained at maximum TOFF that is at minimum duty cycle
(see Section 7.6.1: Input capacitor selection to calculate minimum duty). So fixing
IL = 20%
to 40% of the maximum output current, the minimum inductance value can be calculated:
Equation 51
where fSW is the switching frequency 1/(TON + TOFF).
For example for VOUT = 3.3 V, VIN = 12 V, IO = 2 A and FSW = 500 kHz the minimum
inductance value to have
IL = 30% of IO is about 8.2 µH.
The peak current through the inductor is given by:
Equation 52
So if the inductor value decreases, the peak current (that has to be lower than the current
limit of the device) increases. The higher is the inductor value, the higher is the average
output current that can be delivered, without reaching the current limit.
In Table 14 some inductor part numbers are listed.
7.6.3
Output capacitor selection
The triangular shape current ripple (with zero average value) flowing into the output
capacitor gives the output voltage ripple, that depends on the capacitor value and the
equivalent resistive component (ESR). As a consequence the output capacitor has to be
selected in order to have a voltage ripple compliant with the application requirements.
Table 14. Inductors
Manufacturer
Series
Inductor value (
H)
Saturation current (A)
Coilcraft
XAL50xx
2.2 to 22
6.5 to 2.7
XAL60xx
2.2 to 22
12.5 to 4
I
L
VIN VOUT
–
L
------------------------------ TON
VOUT
L
-------------- TOFF
==
LMIN
VOUT
I
LMAX
-------------------
1DMIN
–
FSW
-----------------------
=
ILPK
IOUT
I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com