Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 38 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 34Page - STMicroelectronics A6986F Datasheet HTML 35Page - STMicroelectronics A6986F Datasheet HTML 36Page - STMicroelectronics A6986F Datasheet HTML 37Page - STMicroelectronics A6986F Datasheet HTML 38Page - STMicroelectronics A6986F Datasheet HTML 39Page - STMicroelectronics A6986F Datasheet HTML 40Page - STMicroelectronics A6986F Datasheet HTML 41Page - STMicroelectronics A6986F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
Closing the loop
A6986F
38/72
DocID027739 Rev 1
Equation 19
Equation 20
where:
Equation 21
Sn represents the on time slope of the sensed inductor current, Se the on time slope of the
external ramp (VPP peak-to-peak amplitude) that implements the slope compensation to
avoid sub-harmonic oscillations at duty cycle over 50%.
Se can be calculated from the parameter VPP gCS given in Table 5 on page 8.
The sampling effect contribution FH(s) is:
Equation 22
where:
Equation 23
z
1
ESR COUT
---------------------------------
=
p
1
RLOAD COUT
---------------------------------------
mc 1D
–

0.5
–
LCOUT fSW
----------------------------------------------
+
=
mC
1
Se
Sn
------
+
=
Se
VPP gCS fSW

=
Sn
VIN VOUT
–
L
-----------------------------
=
FH s

1
1
s
n
Qp
--------------------
s
2
n
2
---------
++
----------------------------------------------
=
Qp
1
mc 1D
–
 0.5
–

------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com