Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 63 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 63 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 59Page - STMicroelectronics A6986F Datasheet HTML 60Page - STMicroelectronics A6986F Datasheet HTML 61Page - STMicroelectronics A6986F Datasheet HTML 62Page - STMicroelectronics A6986F Datasheet HTML 63Page - STMicroelectronics A6986F Datasheet HTML 64Page - STMicroelectronics A6986F Datasheet HTML 65Page - STMicroelectronics A6986F Datasheet HTML 66Page - STMicroelectronics A6986F Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
DocID027739 Rev 1
63/72
A6986F
EMC testing results
72
10
EMC testing results
This section reports EMC testing results for the A6986F evaluation board (see Section 8 on
page 55) accordingly with the following test methods:
CE 150R for conducted emission
DP for conducted immunity
All the measurement were performed at ILOAD = 10% and 80% as defined in Table 22.
DPI: 30 dBm for global pins, 12 dBm for local pins.
All the pins under DPI testing (see Table 22) satisfy class 3 limits..
Table 20. CE 150R test method
Conducted emission, CE 150R
Frequency range
150 kHz - 30 MHz
30 MHz - 1 GHz
Bandwidth
9 kHz
120 kHz
Step size
5 kHz
60 kHz
Dwell time
2 complete software cycles minimum
Detectors
Peak + average
Table 21. DPI test method
Conducted immunity, DPI
Frequency
range
10 kHz -
150 kHz
150 kHz -
1 MHz
1 MHz -
10 MHz
10 MHz -
100 MHz
100 MHz -
200 MHz
200 MHz -
400 MHz
400 MHz -
1 GHz
Step size
(linear)
10 kHz
100 kHz
500 kHz
1 MHz
2 MHz
4 MHz
10 MHz
Dwell time
2 sec. but min. 2 software complete cycles
Modulation
CW
AM 1 kHz, 80% (same peak value as CW)
Table 22. Pin testing
Pin name
Remarks
Classification
CE
DPI
VS1
Filtered VIN pin
Global
X
X
VIN
VIN pin
Global
X
X
VOUT
Regulated output voltage
Local
X
RST
RST pin
Local
X
SS/INH
SS/INH pin
Local
X
(X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com