Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 57 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 57 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 53Page - STMicroelectronics A6986F Datasheet HTML 54Page - STMicroelectronics A6986F Datasheet HTML 55Page - STMicroelectronics A6986F Datasheet HTML 56Page - STMicroelectronics A6986F Datasheet HTML 57Page - STMicroelectronics A6986F Datasheet HTML 58Page - STMicroelectronics A6986F Datasheet HTML 59Page - STMicroelectronics A6986F Datasheet HTML 60Page - STMicroelectronics A6986F Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
DocID027739 Rev 1
57/72
A6986F
Application board
72
Table 19. A6986F adj. demonstration board BOM
For Table 17 Bode’s plot please refer to Section 6.4 on page 41.
Figure 46 and Figure 47 show the magnitude and phase margin Bode’s plots related to
Table 18.
The small signal dynamic performance in this configuration is:
Equation 55
Figure 46. Magnitude Bode’s plot
Reference
Part number
Description
Manufacturer
R7
200 k
 - 1% - 0603
C7
3.3 pF - 50 V - 0603
R9
33 k
 - 1% - 0603
R8
180 k
 - 1% - 0603
C8
62 pF - 50 V - 0603
C4
2.2 pF - 50 V - 0603
J3
OPEN
Switchover enabled
L1
XAL4040-103MEC
10
HCoilcraft
U1
A6986F
External divider
STM
BW
57kHz
=
phase margin
70
0
=
0.1
1
10
100
110
3
110
4
110
5
110
6
110
7
30
17
4
9
22
35
48
61
74
87
100
EXTERNAL LOOP MODULE
F[H ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com