Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 55 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 55 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 51Page - STMicroelectronics A6986F Datasheet HTML 52Page - STMicroelectronics A6986F Datasheet HTML 53Page - STMicroelectronics A6986F Datasheet HTML 54Page - STMicroelectronics A6986F Datasheet HTML 55Page - STMicroelectronics A6986F Datasheet HTML 56Page - STMicroelectronics A6986F Datasheet HTML 57Page - STMicroelectronics A6986F Datasheet HTML 58Page - STMicroelectronics A6986F Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
DocID027739 Rev 1
55/72
A6986F
Application board
72
8
Application board
The reference evaluation board schematic is shown in Figure 45.
Figure 45. Evaluation board schematic
The additional input filter (C16, L3, C15, L2, C14) limits the conducted emission on the
power supply (refer to Section 10 on page 63).
signal GND
power GND
10V
VIN_FLT
PGND
VIN_FLT
PGND
+
+
J5
J5
R4
0
R4
0
R11
10R
R11
10R
TP3
SYNCH
TP3
SYNCH
C8
BOM
C8
BOM
J3
J3
L1
6.8uH
L1
6.8uH
TP8
VIN_EMI
TP8
VIN_EMI
R10
NM
R10
NM
+
+
C6
10nF
C6
10nF
R2
NM
R2
NM
C4
2.2p
C4
2.2p
R6
1M
R6
1M
TP7
GND
TP7
GND
J2
J2
TP2
RST
TP2
RST
R3
NM
R3
NM
R9
NM
R9
NM
TP1
SS/INH
TP1
SS/INH
C11
NM
C11
NM
R5
NM
R5
NM
R7
0R
R7
0R
R1
0
R1
0
C7
NM
C7
NM
J1
J1
TP6
GND
TP6
GND
U1
A6986F
U1
A6986F
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
PGND
11
PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
J4
J4
TP4
VOUT
TP4
VOUT
L3
MPZ2012S221A
L3
MPZ2012S221A
C5
68nF
C5
68nF
L2
4.7uH
L2
4.7uH
C3
470nF
C3
470nF
R8
BOM
R8
BOM
TP5
VIN
TP5
VIN
Table 16. Bill of material (communal parts)
Reference
Part number
Description
Manufacturer
C1, C9, C10
CGA5L3X5R1H106K
10
F - 1206 - 50 V - X5R - 10%
TDK
C2
C2012X7S2A105K
1
F - 0805 - 50 V - X7S - 10%
TDK
C3
470 nF - 50 V - 0603
C4, C7, C8
See Table 17 / Table 18 / Table 19
C5
68 nF - 50 V - 0603
C6
10 nF - 50 V - 0603
C14, C15, C16
C3216X7R1H475K
4.7
F - 1206 - 50 V - X7R - 10%
TDK
C11, C13, C13A
Not mounted
R1, R4
0
 - 0603
R6
1 M
 - 1%- 0603
R7, R8, R9
See Table 17 / Table 18 / Table 19
R11
10
 - 1% - 0603
R2, R3, R5, R10
Not mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com