Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 56 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 56 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 52Page - STMicroelectronics A6986F Datasheet HTML 53Page - STMicroelectronics A6986F Datasheet HTML 54Page - STMicroelectronics A6986F Datasheet HTML 55Page - STMicroelectronics A6986F Datasheet HTML 56Page - STMicroelectronics A6986F Datasheet HTML 57Page - STMicroelectronics A6986F Datasheet HTML 58Page - STMicroelectronics A6986F Datasheet HTML 59Page - STMicroelectronics A6986F Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
Application board
A6986F
56/72
DocID027739 Rev 1
L1
XAL5050-682MEC
6.8
HCoilcraft
L2
XAL4030-472MEC
4.7
HCoilcraft
L3
MPZ2012S221A
EMC bead
TDK
J1
Open
J2
Open
J3
see Table 17 / Table 18 / Table 19
J4
Open
J5
To adjust the ISKIP current level in
LCM operation. Leave open in LNM
U1
A6986F 3V3
3.3 V internal divider
STM
Table 16. Bill of material (communal parts) (continued)
Reference
Part number
Description
Manufacturer
Table 17. A6986F 3V3 demonstration board BOM
Reference
Part number
Description
Manufacturer
R7
0 R - 0603
R9, C7
Not mounted
R8
75 k
 - 1% - 0603
C8
220 pF - 50 V - 0603
C4
2.2 pF - 50 V - 0603
J3
Closed
Switchover enabled
L1
XAL4030-682MEC
6.8
HCoilcraft
U1
A6986F 3V3
3.3 V internal divider
STM
Table 18. A6986F 5V demonstration board BOM
Reference
Part number
Description
Manufacturer
R7
0 R - 0603
R9, C7
Not mounted
R7
0
 - 0603
R8
110 k
 - 1% - 0603
C8
150 pF - 50 V - 0603
C4
2.2 pF - 50 V - 0603
J3
Closed
Switchover enabled
L1
XAL4030-682MEC
6.8
HCoilcraft
U1
A6986F 5V
5 V internal divider
STM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com