Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 32 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 32 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 28Page - STMicroelectronics A6986F Datasheet HTML 29Page - STMicroelectronics A6986F Datasheet HTML 30Page - STMicroelectronics A6986F Datasheet HTML 31Page - STMicroelectronics A6986F Datasheet HTML 32Page - STMicroelectronics A6986F Datasheet HTML 33Page - STMicroelectronics A6986F Datasheet HTML 34Page - STMicroelectronics A6986F Datasheet HTML 35Page - STMicroelectronics A6986F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Functional description
A6986F
32/72
DocID027739 Rev 1
sense threshold. The low-side operation is able to prevent the high-side turn on, so the
device can skip pulses decreasing the swathing frequency.
Figure 23. Valley current sense operation in overcurrent condition
Figure 23 shows the switching frequency reduction during the valley current sense
operation in case of extremely low duty cycle (VIN 38 V, fSW = 500 kHz short-circuit
condition).
In a worst case scenario (like Figure 23) of the overcurrent protection the switch current is
limited to:
Equation 15
where IVALLEY_TH is the current threshold of the valley sensing circuitry (see Table 5:
Electrical characteristics on page 8) and TMASK_HS is the masking time of the high-side
switch 100 nsec. typ.).
In most of the overcurrent conditions the conduction time of the high-side switch is higher
than the masking time and so the peak current protection limits the switch current.
Equation 16
IMAX = IPEAK_TH
IMAX
IVALLEYTH
VIN VOUT
–
L
------------------------------ TMASKHS
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com