Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 46 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 42Page - STMicroelectronics A6986F Datasheet HTML 43Page - STMicroelectronics A6986F Datasheet HTML 44Page - STMicroelectronics A6986F Datasheet HTML 45Page - STMicroelectronics A6986F Datasheet HTML 46Page - STMicroelectronics A6986F Datasheet HTML 47Page - STMicroelectronics A6986F Datasheet HTML 48Page - STMicroelectronics A6986F Datasheet HTML 49Page - STMicroelectronics A6986F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
Application notes
A6986F
46/72
DocID027739 Rev 1
7.4
Voltage supervisor
The embedded voltage supervisor (composed of the RST and the DELAY pins) monitors the
regulated output voltage and keeps the RST open collector output in low impedance as long
as the VOUT is out of regulation. In order to ensure a proper reset of digital devices with
a valid power supply, the device can delay the RST assertion with a programmable time.
Figure 37. Voltage supervisor operation
The comparator monitoring the FB voltage has four different programmable thresholds
(80%, 87%, 93%, 96% nominal output voltage) for high flexibility (see Section 7.3: MLF pin
on page 45, Table 7 on page 11, Table 8 on page 12, and Table 9 on page 12).
When the RST comparator detects the output voltage is in regulation, a 2
A internal current
source starts to charge an external capacitor to implement a voltage ramp on the DELAY
pin. The RST open collector is then released as soon as VDELAY = 1.234 V (see Figure 37).
The CDELAY is dimensioned accordingly with Equation 42:
Equation 42
The maximum suggested capacitor value is 270 nF.
CDELAY
ISSCH TDELAY
VDELAY
------------------------------------------
2
AT
DELAY
1.234V
-------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com