Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 35 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 31Page - STMicroelectronics A6986F Datasheet HTML 32Page - STMicroelectronics A6986F Datasheet HTML 33Page - STMicroelectronics A6986F Datasheet HTML 34Page - STMicroelectronics A6986F Datasheet HTML 35Page - STMicroelectronics A6986F Datasheet HTML 36Page - STMicroelectronics A6986F Datasheet HTML 37Page - STMicroelectronics A6986F Datasheet HTML 38Page - STMicroelectronics A6986F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
DocID027739 Rev 1
35/72
A6986F
Functional description
72
A small resistor value (few ohms) in series with the VBIAS can help to limit the pin negative
voltage (see Figure 27) during heavy short-circuit events if it is connected to the regulated
output voltage.
Figure 27. VBIAS in heavy short-circuit event
5.8
Overvoltage protection
The overvoltage protection monitors the FB pin and enables the low-side MOSFET to
discharge the output capacitor if the output voltage is 20% over the nominal value.
This is a second level protection and should never be triggered in normal operating
conditions if the system is properly dimensioned. In other words, the selection of the
external power components and the dynamic performance determined by the compensation
network should guarantee an output voltage regulation within the overvoltage threshold
even during the worst case scenario in term of load transitions.
The protection is reliable and also able to operate even during normal load transitions for
a system whose dynamic performance is not in line with the load dynamic request. As
a consequence the output voltage regulation would be affected.
Figure 28 shows the overvoltage operation during a negative steep load transient for
a system designed with huge inductor value and small output capacitor. The inductor value
limits the switch current slew rate and the extra charge flowing into the small capacitor value
generates an overvoltage event. This can be considered as an example for a system with
dynamic performance not in line with the load request.
The A6986F device implements a 1 A typ. negative current limitation to limit the maximum
reversed switch current during the overvoltage operation.
VBIAS pin voltage
regulated output voltage
inductor current
switching node
(purple)
(cyan)
regulated output voltage
VBIAS pin
short-circuit current
switching node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com