Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 45 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 45 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 41Page - STMicroelectronics A6986F Datasheet HTML 42Page - STMicroelectronics A6986F Datasheet HTML 43Page - STMicroelectronics A6986F Datasheet HTML 44Page - STMicroelectronics A6986F Datasheet HTML 45Page - STMicroelectronics A6986F Datasheet HTML 46Page - STMicroelectronics A6986F Datasheet HTML 47Page - STMicroelectronics A6986F Datasheet HTML 48Page - STMicroelectronics A6986F Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
DocID027739 Rev 1
45/72
A6986F
Application notes
72
7
Application notes
7.1
Output voltage adjustment
The error amplifier reference voltage is 0.85 V typical.
The output voltage is adjusted accordingly with Equation 41 (see Figure 36):
Equation 41
Cr1 capacitor is sometimes useful to increase the small signal phase margin (please refer to
Section 6.5: Compensation network design).
Figure 36. A6986F application circuit
7.2
Switching frequency
A resistor connected to the FSW pin features the selection of the switching frequency. The
pinstrapping is performed at power-up, before the soft-start takes place. The FSW pin is
pinstrapped and then driven floating in order to minimize the quiescent current from VIN.
Please refer toTable 6: fSW selection on page 11 to identify the pull-up / pull-down resistor
value. fSW = 250 kHz / fSW = 500 kHz preferred codifications don't require any external
resistor.
7.3
MLF pin
A resistor connected to the MLF pin features the selection of the between low noise mode /
low consumption mode and the different RST thresholds. The pinstrapping is performed at
power-up, before the soft-start takes place. The FSW pin is pinstrapped and then driven
floating in order to minimize the quiescent current from VIN.
Please refer to Table 7 on page 11, Table 8 on page 12, and Table 9 on page 12 to identify
the pull-up / pull-down resistor value. (LNM, RST threshold 93%) / (LCM, RST threshold
93%) preferred codifications don't require any external resistor.
VOUT
0.85
1
R1
R2
-------
+


=
signal GND
PWR gnd
PWR gnd
uC RST
A6986F
A6986F
VBIAS
RST
VCC
SS/INH
SYNCH
FSW
MLF
COMP
DELAY
FB
SGND
PGND
PGND
LX
LX
VIN
EP
10uF
10uF
VOUT
VOUT
470nF
470nF
GND
GND
10nF
10nF
1uF
1uF
GND
GND
6.8uH
6.8uH
20uF
20uF
68nF
68nF
1M
1M
Rc
Rc
VIN
VIN
Cc
Cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com