Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet(PDF) 20 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 16Page - STMicroelectronics A6986F Datasheet HTML 17Page - STMicroelectronics A6986F Datasheet HTML 18Page - STMicroelectronics A6986F Datasheet HTML 19Page - STMicroelectronics A6986F Datasheet HTML 20Page - STMicroelectronics A6986F Datasheet HTML 21Page - STMicroelectronics A6986F Datasheet HTML 22Page - STMicroelectronics A6986F Datasheet HTML 23Page - STMicroelectronics A6986F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
Functional description
A6986F
20/72
DocID027739 Rev 1
RUP and RDWN are selected to guarantee:
Equation 9
The time to ramp the internal voltage reference can be calculated from Equation 10:
Equation 10
that is the equivalent soft-start time to ramp the output voltage.
Figure 8 shows the soft-start phase with the following component selection: RUP = 180 k,
RDWN = 33 k, CSS = 200 nF, the 1N4148 is a small signal diode and VSTEP = 13 V.
Figure 8. External soft-start network VSTEP driven
The circuit in Figure 7 introduces a time delay between VSTEP and the switching activity that
can be calculated as:
Equation 11
Figure 9 shows how the device discharges the soft-start capacitor after an UVLO or thermal
shutdown event in order to restart the switching activity ramping the error amplifier reference
voltage.
VSS_FINAL 2 V VSS_END
TSS
CSS RSS_EQ
VSS_FINAL VSS START
–
VSS_FINAL VSS END
–
-----------------------------------------------------------


ln

=
TSS DELAY
CSS RSS_EQ
VSS_FINAL
VSS_FINAL VSS START
–
-----------------------------------------------------------


ln

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com