Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 11Page - STMicroelectronics ST25TA64K Datasheet HTML 12Page - STMicroelectronics ST25TA64K Datasheet HTML 13Page - STMicroelectronics ST25TA64K Datasheet HTML 14Page - STMicroelectronics ST25TA64K Datasheet HTML 15Page - STMicroelectronics ST25TA64K Datasheet HTML 16Page - STMicroelectronics ST25TA64K Datasheet HTML 17Page - STMicroelectronics ST25TA64K Datasheet HTML 18Page - STMicroelectronics ST25TA64K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
DocID027764 Rev 1
15/45
ST25TA64K
ST25TA64K memory management
15
3.2.3
Changing the write access right to NDEF files
The state diagram on Figure 3 shows how to change the write access right to an NDEF file.
Figure 3. Changing the write access right to an NDEF file
1. See the procedure to lock the write access.
2. See the procedure to unlock the write access.
3. See the procedure to permanently lock the write access (Section 7.6: Reaching the read-only state for an
NDEF file).
4. Proprietary state, not defined by NFC Forum Type 4 Tag.
3.3
Access right life time
The access right life time is validated while the NDEF file is selected or until the end of the
RF session. Once the read or write access right is granted, the host can send one or more
ReadBinary or UpdateBinary commands.
At the end of a session or when the host selects another file, the read and write access
rights are initialized.
3.4
NDEF file passwords
The NDEF file passwords protect the read or write access from an RF interface from/to an
NDEF file.
Two NDEF file passwords are available for each NDEF file:
•
Read password
•
Write password
The length of a password is 128 bits (16 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com