Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 19Page - STMicroelectronics ST25TA64K Datasheet HTML 20Page - STMicroelectronics ST25TA64K Datasheet HTML 21Page - STMicroelectronics ST25TA64K Datasheet HTML 22Page - STMicroelectronics ST25TA64K Datasheet HTML 23Page - STMicroelectronics ST25TA64K Datasheet HTML 24Page - STMicroelectronics ST25TA64K Datasheet HTML 25Page - STMicroelectronics ST25TA64K Datasheet HTML 26Page - STMicroelectronics ST25TA64K Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
DocID027764 Rev 1
23/45
ST25TA64K
RF command sets
42
5.6.3
NDEF Tag Application Select command
the RF host shall send this command to activate the NDEF Tag Application.
To activate the NDEF Tag Application, the RF host sends the Select command (see
Table 20) in addition to the sequence defined in the NFC Forum digital protocol.
Table 20 defines the C-APDU of the Select command to select the NDEF Tag Application
(called NDEF Tag Application Select).
Table 21 defines the R-APDU of the NDEF Tag Application Select command.
Value
0x67
0x00
Wrong length
Value
0x69
0x81
Cmd is incompatible with the
file structure
Value
0x69
0x82
Security status not satisfied
Value
0x69
0x84
Reference data not usable
Value
0x6A
0x80
Incorrect parameters Le or Lc
Value
0x6A
0x82
File or application not found
Value
0x6A
0x84
File overflow (Lc error)
Value
0x6A
0x86
Incorrect P1 or P2 values
Value
0x6D
0x00
INS field not supported
Value
0x6E
0x00
Class not supported
Table 19. Error code of the ST25TA64K (continued)
SW1
SW2
Comment
Length
1 byte
1 byte
Table 20. C-APDU of the NDEF Tag Application Select command
Name
CLA
INS
P1
P2
Lc
Data
Le
-
0x00
0xA4
0x04
0x00
0x07
0xD27600
00850101
0x00
Class byte
Select instruction code
P1 field
P2 field
Number of bytes of data
Application ID
Le field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com