Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 31Page - STMicroelectronics ST25TA64K Datasheet HTML 32Page - STMicroelectronics ST25TA64K Datasheet HTML 33Page - STMicroelectronics ST25TA64K Datasheet HTML 34Page - STMicroelectronics ST25TA64K Datasheet HTML 35Page - STMicroelectronics ST25TA64K Datasheet HTML 36Page - STMicroelectronics ST25TA64K Datasheet HTML 37Page - STMicroelectronics ST25TA64K Datasheet HTML 38Page - STMicroelectronics ST25TA64K Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
DocID027764 Rev 1
35/45
ST25TA64K
RF command sets
42
The FSDI field codes the FSD that defines the maximum size that an RF host is able to
receive. Table 46 gives the conversion from FDSI to FSD.
The DID field defines the value of the addressed ST25TA64K.
The FSCI codes the FSC which stands for the maximum frame size that the ST25TA64K is
able to receive. The ST25TA64K is able to receive up to 256 bytes of command. If the RF
host sends a command with more than 256 bytes, the ST25TA64K will not be able to treat
the command and will not reply.
The FWI which stands for the Frame Waiting time Integer codes the FWT. This time
corresponds to the maximum duration while an RF host shall send before sending the next
command.
Table 45. RATS command
Name
INS
Param
CRC
Byte field
0xE0
1 byte
2 bytes
Bit field
-
b7-b4
b3-b0
-
Instruction code
FSDI
DID (0
≤ DID ≤ 14)
2 CRC bytes
Table 46. Conversion from FDSI to FSD
FSDI
0x0
0x1
0x2
0x3
0x4
0x5
0x6
0x7
0x8
0x9h-
0xE
0xF
FSD
16
24
32
40
48
64
96
128
256
RFU
256
Table 47. ATS response
Name
TL
T0
TA(1)
TB(1)
TC(1)
CRC
Byte field
0x05
0x78
1 byte
1 byte
0x02
2 bytes
Bit field
-
-
-
b8-b5
b4-b1
-
-
Length of the ATS
response
FSCI = 256 bytes
The maximum ascending data rate is 106 kbps
The maximum descending data rate is 106 kbps
FWI field (155 ms when TB = 0x90)
SFGI field (302 µs when TB = 0x90)
The DID is supported
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com