Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 37Page - STMicroelectronics ST25TA64K Datasheet HTML 38Page - STMicroelectronics ST25TA64K Datasheet HTML 39Page - STMicroelectronics ST25TA64K Datasheet HTML 40Page - STMicroelectronics ST25TA64K Datasheet HTML 41Page - STMicroelectronics ST25TA64K Datasheet HTML 42Page - STMicroelectronics ST25TA64K Datasheet HTML 43Page - STMicroelectronics ST25TA64K Datasheet HTML 44Page - STMicroelectronics ST25TA64K Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
RF electrical parameters
ST25TA64K
42/45
DocID027764 Rev 1
10
RF electrical parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device in RF mode.
The parameters in the DC and AC characteristics tables that follow are derived from tests
performed under the Measurement Conditions summarized in the relevant tables.
Designers should check that the operating conditions in their circuit match the measurement
conditions when relying on the quoted parameters.
Table 53. Default operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–40
85
°C
Table 54. RF characteristics (1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fC
External RF signal frequency
13.553
13.56
13.567
MHz
H_ISO
Operating field according to ISO
TA = 0 °C to 50 °C
1500
-
7500
mA/m
H_Extended
Operating field in extended
temperature range
TA = -40 °C to 85 °C
1500
-
7500
mA/m
MICARRIER 100% carrier modulation index
MI=(A-B)/(A+B)
90
-
100
%
t1
Pause A length
-
28/fC
-
40.5/fC
µs
t2
Pause A low time
-
7/fC
-t1
µs
t3
Pause A rise time
-
1.5xt4
-
16/fC
µs
t4
Pause A rise time section
-
0
-
6/fC
µs
tMIN CD
Minimum time from carrier
generation to first data
From H-field min
-
-
5
ms
Wt
RF write time (including internal
Verify) for one page
--
6
-
ms
CTUN
Internal tuning capacitor in SO8 (2)
fC = 13.56 MHz
22.5
25
27.5
pF
tRF_OFF
RF OFF time
Chip reset
-
-
5
ms
1. All timing characterizations were performed on a reference antenna with the following characteristics:
External size: 75 mm x 48 mm
Number of turns: 6
Width of conductor: 0.6 mm
Space between two conductors: 0.6 mm
Value of the tuning capacitor in SO8: 25 pF (ST25TA64K)
Value of the coil: 5 µH
Tuning frequency: 14.2 MHz.
2. Characterized only, at room temperature only, measured at VAC0-VAC1 = 2 V peak to peak at 13.56 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com