Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 25Page - STMicroelectronics ST25TA64K Datasheet HTML 26Page - STMicroelectronics ST25TA64K Datasheet HTML 27Page - STMicroelectronics ST25TA64K Datasheet HTML 28Page - STMicroelectronics ST25TA64K Datasheet HTML 29Page - STMicroelectronics ST25TA64K Datasheet HTML 30Page - STMicroelectronics ST25TA64K Datasheet HTML 31Page - STMicroelectronics ST25TA64K Datasheet HTML 32Page - STMicroelectronics ST25TA64K Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
DocID027764 Rev 1
29/45
ST25TA64K
RF command sets
42
Table 33 defines the R-APDU of the Verify command.
5.7.2
Change Reference Data command
The Change Reference Data command replaces the read or write password related to the
NDEF files previously selected. It can be performed only if the security status satisfies the
security attributes for this command.
Before sending this command, the verify command with the correct NDEF write password
shall be issued. Thus, this command changes the reference data of the NDEF file.
Table 34 defines the Change Reference Data command.
Table 34. Change reference data command format
Table 33. R-APDU of the Verify command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed, the password is correct
Value
-
0x69
0x85
The conditions of use are not satisfied (e.g. no
NDEF file was selected)
Value
-
0x69
0x81
Cmd incompatible with file structure
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x80
Incorrect parameter in cmd data field
Value
-
0x63
0x00
A password is required
Value
-
0x63
0xCX (1)
1. At each session, the RF host can check a password 3 times.
The password transmitted is incorrect and X
encodes the number of further allowed retries.
Value
-
0x6E
0x00
Class not supported
Name
CLA
INS
P1 & P2
Lc
Data
Le
-
0x00
0x24
2 bytes
1 byte
Lc bytes
-
Class byte
Instruction code
Password identification
0x0001: Read password transmit
0x0002: Write password transmit
Other: RFU
0x10: the password is present in the data field
NDEF file Password
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com