Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 18Page - STMicroelectronics ST25TA64K Datasheet HTML 19Page - STMicroelectronics ST25TA64K Datasheet HTML 20Page - STMicroelectronics ST25TA64K Datasheet HTML 21Page - STMicroelectronics ST25TA64K Datasheet HTML 22Page - STMicroelectronics ST25TA64K Datasheet HTML 23Page - STMicroelectronics ST25TA64K Datasheet HTML 24Page - STMicroelectronics ST25TA64K Datasheet HTML 25Page - STMicroelectronics ST25TA64K Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
RF command sets
ST25TA64K
22/45
DocID027764 Rev 1
5.5
CRC of the RF frame
The two CRC bytes check the data transmission between the RF host and the ST25TA64K.
For the RF frame, the CRC is computed on all the data bits in the frame, excluding parity
bits, SOF and EOF, and the CRC itself.
The CRC is as defined in ISO/IEC 13239. The initial register content shall be 0x6363 and
the register content shall not be inverted after calculation.
5.6
NFC Forum Type 4 Tag protocol
5.6.1
Commands set
5.6.2
Status and error codes
This section lists the status and the error code of the ST25TA64K.
Table 17. Command set overview
Command name
Brief description
NDEF Tag Application Select
Select the NDEF Tag Application
Capability Container Select
Select the capability container (CC) file using the Select command
NDEF Select
Select the NDEF file
System File Select
Select the system file
ReadBinary
Read data from a file
UpdateBinary
Write new data to a file
Table 18. Status code of the ST25TA64K
SW1
SW2
Comment
Value
0x90
0x00
Command completed
successfully
Table 19. Error code of the ST25TA64K
SW1
SW2
Comment
Length
1 byte
1 byte
Value
0x62
0x80
File overflow (Le error)
Value
0x62
0x82
End of file or record reached
before reading Le bytes
Value
0x63
0x00
Password is required
Value
0x63
0xCX
Password is incorrect, X further
retries allowed (X can take
value 0,1, 2)
Value
0x65
0x81
Unsuccessful updating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com