Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 15Page - STMicroelectronics ST25TA64K Datasheet HTML 16Page - STMicroelectronics ST25TA64K Datasheet HTML 17Page - STMicroelectronics ST25TA64K Datasheet HTML 18Page - STMicroelectronics ST25TA64K Datasheet HTML 19Page - STMicroelectronics ST25TA64K Datasheet HTML 20Page - STMicroelectronics ST25TA64K Datasheet HTML 21Page - STMicroelectronics ST25TA64K Datasheet HTML 22Page - STMicroelectronics ST25TA64K Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
DocID027764 Rev 1
19/45
ST25TA64K
RF command sets
42
When the ST25TA64K sends a command to the RF host, the format of the payload is the
R-APDU.
5.2.1
C-APDU: payload format of a command
The C-APDU format is used by the RF host to send a command to the ST25TA64K.
Table 11 describes its format.
5.2.2
R-APDU: payload format of a response
the ST25TA64K uses the I-Block format to reply to a command which used the I-Block
format. This format is described in Table 12.
Table 11. C-APDU format
Name
Payload field
CLA
INS
P1
P2
LC
Data
Le
Length
1 byte
1 byte
1 byte
1 byte
1 byte
Lc byte
1 byte
Class byte
0x00: standard command
0xA2: ST command
Instruction byte
Param Byte 1
Param Byte 2
Number of bytes of the Data field
Data bytes
Number of bytes to be read in the ST25TA64K memory
Table 12. R-APDU format
Name
Payload field
Data (optional)
SW1
SW2
Length
Le byte
1 byte
1 byte
Data
Status byte 1
Status byte 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com