Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 23Page - STMicroelectronics ST25TA64K Datasheet HTML 24Page - STMicroelectronics ST25TA64K Datasheet HTML 25Page - STMicroelectronics ST25TA64K Datasheet HTML 26Page - STMicroelectronics ST25TA64K Datasheet HTML 27Page - STMicroelectronics ST25TA64K Datasheet HTML 28Page - STMicroelectronics ST25TA64K Datasheet HTML 29Page - STMicroelectronics ST25TA64K Datasheet HTML 30Page - STMicroelectronics ST25TA64K Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
DocID027764 Rev 1
27/45
ST25TA64K
RF command sets
42
5.6.8
UpdateBinary command
On receiving the UpdateBinary command, the ST25TA64K writes the data field into the
selected file and sends back a status in the R-APDU response.
Before sending an UpdateBinary command, a file shall be selected by issuing a Select
command.
Table 30 defines the UpdateBinary command.
Table 31 defines the R-APDU of the UpdateBinary command.
Note:
For further return codes and definitions, refer to Status and error codes.
Value
-
0x67
0x00
Wrong length
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x82
File or application not found
Value
-
0x6E
0x00
Class not supported
Table 29. R-APDU of the ReadBinary command (continued)
Data
SW1
SW2
Comment
Table 30. C-APDU of the UpdateBinary command
Name
CLA
INS
P1 & P2
Lc
Data
Le
-
0x00
0xD6
2 bytes
1 byte
Lc bytes
-
Class byte
Write instruction code
Offset in the file selected
Number of bytes of data (0x01
≤Lc ≤0xF6)
Data to write in the ST25TA64K memory
-
Table 31. R-APDU of the UpdateBinary command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x65
0x81
Unsuccessful updating
Value
-
0x67
0x00
Wrong length
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x82
File or application not found
Value
-
0x6E
0x00
Class not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com