Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 24Page - STMicroelectronics ST25TA64K Datasheet HTML 25Page - STMicroelectronics ST25TA64K Datasheet HTML 26Page - STMicroelectronics ST25TA64K Datasheet HTML 27Page - STMicroelectronics ST25TA64K Datasheet HTML 28Page - STMicroelectronics ST25TA64K Datasheet HTML 29Page - STMicroelectronics ST25TA64K Datasheet HTML 30Page - STMicroelectronics ST25TA64K Datasheet HTML 31Page - STMicroelectronics ST25TA64K Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
RF command sets
ST25TA64K
28/45
DocID027764 Rev 1
5.7
ISO/IEC 7816-4 commands
The ISO/IEC 7816-4 command set offers some extended features such as the protection of
the NDEF file. This command set is used to manage the right access of the NDEF file.
5.7.1
Verify command
The Verify command has two functions:
1.
Check if a password is required to access to the NDEF file (the LC field = 0x00).
2.
Check that the password embedded in the Verify command allows the access to the
memory (the Lc field = 0x10 and the password is present).
When the Lc field if equal to 0x00, the verify command returns a success code (0x90 00)
provided that the access to the NDEF file does not require a password. When the access to
the NDEF file is protected, the response to the Verify command returns an error code
(0x63 00).
When the Lc field equals 0x10, on receiving the Verify command, the ST25TA64K compares
the requested password with the data contained in the request and reports whether the
operation has been successful in the response.
Before sending this command, an NDEF file shall be selected by issuing the NDEF Select
command. Thus, this command checks the right access condition of the last NDEF file
selected.
After a successful command, an access is granted for the whole NDEF file.
Table 32 defines the Verify command.
Table 32. Verify command format
Name
CLA
INS
P1 & P2
Lc
Data
Le
-
0x00
0x20
2 bytes
1 byte
Lc bytes
-
Class byte
Instruction code
Password identification
0x0001: Read NDEF password transmit
0x0002: Write NDEF password transmit
Other: RFU
0x00: the password is not present
0x10: the password is present in the data field
Password
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com