Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 28Page - STMicroelectronics ST25TA64K Datasheet HTML 29Page - STMicroelectronics ST25TA64K Datasheet HTML 30Page - STMicroelectronics ST25TA64K Datasheet HTML 31Page - STMicroelectronics ST25TA64K Datasheet HTML 32Page - STMicroelectronics ST25TA64K Datasheet HTML 33Page - STMicroelectronics ST25TA64K Datasheet HTML 34Page - STMicroelectronics ST25TA64K Datasheet HTML 35Page - STMicroelectronics ST25TA64K Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
RF command sets
ST25TA64K
32/45
DocID027764 Rev 1
Table 39 defines the R-APDU of the Disable Verification Requirement command.
5.8
ST Proprietary command set
The RF host can be issued with the command set described in this chapter.
5.8.1
ExtendedReadBinary command
On receiving the ExtendedReadBinary command, the ST25TA64K reads the requested
memory field and sends back its value in the R-APDU response.
Before sending an ExtendedReadBinary command, a file shall be selected by issuing an
NDEF select command.
The response of the ExtendedReadBinary command will be successful even if the data to
be read is beyond the NDEF message. The command returns an error code if the data to be
read goes beyond the end of the file.
Table 39. R-APDU of the Disable Verification Requirement command
Data
SW1
SW2
Comment
Length
0
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed, the password is correct
Value
-
0x69
0x81
Cmd is incompatible with the file structure
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x80
CC file or System file selected
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Value
-
0x6E
0x00
Class not supported
Value
-
0x65
0x81
Update failed
Table 40. C-APDU of the ExtendedReadBinary command
Name
CLA
INS
P1 & P2
Lc
Data
Le
Length
0xA2
0xB0
2 bytes
-
-
1 byte
ST Class byte
Read instruction code
Offset in the file selected
-
-
-
Number of bytes to read between 0x01
≤ Le ≤ 0xF6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com