Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 30Page - STMicroelectronics ST25TA64K Datasheet HTML 31Page - STMicroelectronics ST25TA64K Datasheet HTML 32Page - STMicroelectronics ST25TA64K Datasheet HTML 33Page - STMicroelectronics ST25TA64K Datasheet HTML 34Page - STMicroelectronics ST25TA64K Datasheet HTML 35Page - STMicroelectronics ST25TA64K Datasheet HTML 36Page - STMicroelectronics ST25TA64K Datasheet HTML 37Page - STMicroelectronics ST25TA64K Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
RF command sets
ST25TA64K
34/45
DocID027764 Rev 1
5.9
Specific RF command set
This section describes the command set that can be issued only by the RF host.
5.9.1
Anticollision command set
Table 44 lists the commands that can be issued only by the RF host. The format of these
commands is described in the NFC Forum Digital Protocol specification.
5.9.2
RATS command and ATS response
RATS command and ATS response are used for NFC Forum Type 4A Tag Platform Device
Activation (as defined in NFC Forum Digital Protocol specification).
Table 45 details the RATS command. This command shall be sent after the anticollision
process.
Value
-
0x67
0x00
Wrong length
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x80
CC file or System file selected
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Value
-
0x6E
0x00
Class not supported
Table 43. R-APDU table of the EnablePermanentState command (continued)
Data
SW1
SW2
comment
Table 44. Commands issues by the RF host
Family command set
Command name
Instruction code
NFC-A technology
ALL_REQ
0x52 (1)
1. Code on 7 bits.
SENS_REQ
0x26 (1)
SDD_REQ
0x93 or 0x95 or 0x97
SEL_REQ
0x93 or 0x95 or 0x97
SLP_REQ
0x50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com