Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA64K Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 14Page - STMicroelectronics ST25TA64K Datasheet HTML 15Page - STMicroelectronics ST25TA64K Datasheet HTML 16Page - STMicroelectronics ST25TA64K Datasheet HTML 17Page - STMicroelectronics ST25TA64K Datasheet HTML 18Page - STMicroelectronics ST25TA64K Datasheet HTML 19Page - STMicroelectronics ST25TA64K Datasheet HTML 20Page - STMicroelectronics ST25TA64K Datasheet HTML 21Page - STMicroelectronics ST25TA64K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
RF command sets
ST25TA64K
18/45
DocID027764 Rev 1
5.1
Structure of the command sets
The exchange of data between the RF host and the ST25TA64K uses three kinds of data
formats, called blocks:
•
I-Block: to exchange the command and the response
•
R-Block: to exchange positive or negative acknowledgment
•
S-Block: to use either the Deselect command or the Frame Waiting eXtension (WTX)
command or response
This section describes the structure of the I-Block, R-block and S-Block. This format is used
for the application command set.
5.2
I-Block format
The I-Block is used to exchange data between the RF host and the ST25TA64K. It is
composed of three fields. Table 9 details the I-Block format.
When the RF host sends a command to the ST25TA64K the format of the payload is the
C-APDU.
Table 9. I-Block format
Name
SoD
Payload
EoD
PCB
DID
0
CRC
Length
1 byte
1 byte
1 to 251 bytes
2 bytes
PCB field
DID field (optional)
RF host to ST25TA64K: C-APDU
ST25TA64K to RF host: R-APDU
2 CRC bytes
Table 10. PCB field of the I-Block format
b7-b6
b5b4
b3b2
b1
b0
0b00
0
0
X
0
1
X
I-Block
RFU
Must be set to 0
DID field, if bit is set
Must be set to 0
Must be set to 1
Block number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com