Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP25612FD Datasheet HTML 18Page - Microchip Technology MCP25612FD Datasheet HTML 19Page - Microchip Technology MCP25612FD Datasheet HTML 20Page - Microchip Technology MCP25612FD Datasheet HTML 21Page - Microchip Technology MCP25612FD Datasheet HTML 22Page - Microchip Technology MCP25612FD Datasheet HTML 23Page - Microchip Technology MCP25612FD Datasheet HTML 24Page - Microchip Technology MCP25612FD Datasheet HTML 25Page - Microchip Technology MCP25612FD Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005409A-page 23
MCP25612FD
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact the factory or one of the sales offices listed on the back page
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP25612FD: Dual CAN FD Transceiver
MCP25612FDT: Dual CAN FD Transceiver
(Tape and Reel)
Temperature
Range:
E = -40°C to +125°C (Extended)
H = -40°C to +150°C (High)
Package:
SL = 14-Lead Plastic Small Outline - Narrow,
3.90 mm Body
Examples:
a)
MCP25612FD-E/SL: Extended Temperature,
14LD SOIC package
b)
MCP25612FDT-E/SL: Tape and Reel,
Extended Temperature,
14LD SOIC package
c)
MCP25612FD-H/SL: High Temperature,
14LD SOIC package.
d)
MCP25612FDT-H/SL: Tape and Reel,
High Temperature,
14LD SOIC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com