Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 1 Page - Microchip Technology

  MCP25612FD Datasheet HTML 1Page - Microchip Technology MCP25612FD Datasheet HTML 2Page - Microchip Technology MCP25612FD Datasheet HTML 3Page - Microchip Technology MCP25612FD Datasheet HTML 4Page - Microchip Technology MCP25612FD Datasheet HTML 5Page - Microchip Technology MCP25612FD Datasheet HTML 6Page - Microchip Technology MCP25612FD Datasheet HTML 7Page - Microchip Technology MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005409A-page 1
MCP25612FD
Features
• Supports both “classic” CAN 2.0 and CAN FD
physical layer requirements
• Optimized for CAN FD (Flexible Data-Rate) at
2, 5 and 8 Mbps Operation:
- Maximum Propagation Delay: 120 ns
- Loop Delay Symmetry: -10%/+10% (2 Mbps)
• Implements ISO-11898-2 and ISO-11898-5
Standard Physical Layer Requirements
• Very Low Standby Current (5 µA per transceiver,
typical)
• Two Fully Independent VDDX and VSSX Pins per CAN
FD Transceiver for Added Flexibility and Reliability:
- Optimal for redundant CAN networks
• Compatible to 5V MCUs
• Functional Behavior Predictable Under All Supply
Conditions:
- Device is in Unpowered mode if VDDX drops
below undervoltage level
- An unpowered node or brown-out event will
not load the CAN bus
• Detection of Ground Fault:
- Permanent dominant detection on TXDX
- Permanent dominant detection on bus
• Power-on Reset and Undervoltage Lock-out on
VDDX Pin
• Protection against Damage due to Short-Circuit
Conditions (positive or negative battery voltage)
• Protection against High-Voltage Transients in
Automotive Environments
• Automatic Thermal Shutdown Protection
• Suitable for 12V and 24V Systems
• Meets or exceeds Stringent Automotive Design
Requirements, including “Hardware Requirements
for LIN, CAN and FlexRay™ Interfaces in
Automotive Applications”
, Version 1.3, May 2012:
- Conducted emissions @ 2 Mbps with
Common-Mode Choke (CMC)
- Direct Power Injection (DPI) @ 2 Mbps with CMC
• Meets SAE J2962/2 “Communication
Transceivers Qualification Requirements – CAN”
:
- Passes radiated emissions at 2 Mbps without
a CMC
• High Noise Immunity due to Differential Bus
Implementation
• High ESD Protection on CANHx and CANLx,
Meets IEC61000-4-2, up to ±6 kV
• Available in 14-Lead SOIC
• Temperature Ranges:
- Extended (E): -40°C to +125°C
- High (H): -40°C to +150°C
Description
The MCP25612FD is a second generation, dual CAN
FD transceiver from Microchip Technology Inc. It offers
all of the features from two fully independent
MCP2561FD CAN transceivers, except for the SPLIT
pin. It ensures Loop Delay Symmetry in order to support
the higher data rates required for CAN FD. The maxi-
mum propagation delay is improved to support a longer
bus length.
The device meets the automotive requirements for CAN
FD
bit
rates,
low
quiescent
current,
robust
Electromagnetic Compatibility (EMC) and Electrostatic
Discharge (ESD).
Package Types
Typical Applications
Automotive
• Powertrain
• Body Control
• Gateway
• Chassis and Safety
• Infotainment
Industrial
• Factory Automation
• Gateway
• Server Backplanes
•Elevators
• Robotics
CANL1
CANH1
STBY1
TXD1
MCP25612FD
SOIC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
STBY2
RXD1
TXD2
VSS2
VDD2
RXD2
CANL2
CANH2
VDD1
VSS1
Dual CAN Flexible Data-Rate Transceiver


Similar Part No. - MCP25612FD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2561 MICROCHIP-MCP2561 Datasheet
668Kb / 30P
High-Speed CAN Transceiver
2013
MCP2561FD MICROCHIP-MCP2561FD Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2561FD-E/MF MICROCHIP-MCP2561FD-E/MF Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2561FD-E/P MICROCHIP-MCP2561FD-E/P Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2561FD-E/SN MICROCHIP-MCP2561FD-E/SN Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
More results

Similar Description - MCP25612FD

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-DR-IR1-CDA SOURCE-SP-DR-IR1-CDA Datasheet
414Kb / 5P
Dual Rate SFP Transceiver
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
ISO1042 TI1-ISO1042 Datasheet
1Mb / 26P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042 TI1-ISO1042_18 Datasheet
1Mb / 33P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042_1809 TI1-ISO1042_1809 Datasheet
2Mb / 41P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042-Q1 TI1-ISO1042-Q1 Datasheet
2Mb / 40P
Automotive Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
TCAN4551-Q1 TI1-TCAN4551-Q1 Datasheet
1Mb / 138P
TCAN4551-Q1 Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Microchip Technology
MCP2561FD MICROCHIP-MCP2561FD Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
logo
NXP Semiconductors
35FS4500 NXP-35FS4500 Datasheet
1,000Kb / 19P
Grade 0 safety power system basis chip with CAN flexible data transceiver
Rev.1.0 - 15 December2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com