Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP25612FD Datasheet HTML 9Page - Microchip Technology MCP25612FD Datasheet HTML 10Page - Microchip Technology MCP25612FD Datasheet HTML 11Page - Microchip Technology MCP25612FD Datasheet HTML 12Page - Microchip Technology MCP25612FD Datasheet HTML 13Page - Microchip Technology MCP25612FD Datasheet HTML 14Page - Microchip Technology MCP25612FD Datasheet HTML 15Page - Microchip Technology MCP25612FD Datasheet HTML 16Page - Microchip Technology MCP25612FD Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005409A-page 13
MCP25612FD
FIGURE 2-10:
Timing Diagram for Loop Delay Symmetry.
Note:
The bit time of a recessive bit, after five dominant bits, is measured on the RXDX pin. Due to
asymmetry of the loop delay, and the CAN transceiver not being a push-pull driver, the recessive bits
tend to shorten.
TXDX
RXDX
30%
5 * tBIT(TXDX)
70%
30%
tLOOP
(F)
tBIT(TXDX)
70%
30%
tLOOP(R)
8
tBIT(RXDX)
TABLE 2-3:
THERMAL SPECIFICATIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
C
-40
—
+150
Operating Temperature Range
TA
-40
—
+150
C
Storage Temperature Range
TA
-55
—
+150
C
Thermal Package Resistance
Thermal Resistance, 14L-SOIC
JA
—90.8
—
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com