Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP25612FD Datasheet HTML 7Page - Microchip Technology MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology MCP25612FD Datasheet HTML 10Page - Microchip Technology MCP25612FD Datasheet HTML 11Page - Microchip Technology MCP25612FD Datasheet HTML 12Page - Microchip Technology MCP25612FD Datasheet HTML 13Page - Microchip Technology MCP25612FD Datasheet HTML 14Page - Microchip Technology MCP25612FD Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005409A-page 11
MCP25612FD
2.3
Terms and Definitions
A number of terms are defined in ISO-11898 that are
used to describe the electrical characteristics of a CAN
transceiver device. These terms and definitions are
summarized in this section.
2.3.1
BUS VOLTAGE
VCANLX and VCANHX denote the voltages of the bus line
wires, CANLx and CANHx, relative to the ground of
each individual CAN node.
2.3.2
COMMON-MODE BUS VOLTAGE
RANGE
Boundary voltage levels of VCANLX and VCANHX, with
respect to ground, for which proper operation will occur
if up to the maximum number of CAN nodes are
connected to the bus.
2.3.3
DIFFERENTIAL INTERNAL
CAPACITANCE, CDIFF
(OF A CAN NODE)
Capacitance seen between CANLx and CANHx
during the Recessive state, when the CAN node is
disconnected from the bus (see Figure 2-6).
2.3.4
DIFFERENTIAL INTERNAL
RESISTANCE, RDIFF
(OF A CAN NODE)
Resistance seen between CANLx and CANHx, during
the Recessive state, when the CAN node is
disconnected from the bus (see Figure 2-6).
2.3.5
DIFFERENTIAL VOLTAGE, VDIFFX
(OF CAN BUS)
Differential voltage of the two-wire CAN bus value:
VDIFFX =VCANHX –VCANLX.
2.3.6
INTERNAL CAPACITANCE, CIN
(OF A CAN NODE)
Capacitance seen between CANLx (or CANHx) and
ground, during the Recessive state, when the CAN
node is disconnected from the bus (see Figure 2-6).
2.3.7
INTERNAL RESISTANCE, RIN
(OF A CAN NODE)
Resistance seen between CANLx (or CANHx) and
ground, during the Recessive state, when the CAN
node is disconnected from the bus (see Figure 2-6).
FIGURE 2-6:
Physical Layer Definitions.
RIN
RIN
RDIFF
CIN
CIN
CDIFF
CANLx
CANHx
GROUND
ECU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com