Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 4 Page - Microchip Technology

  MCP25612FD Datasheet HTML 1Page - Microchip Technology MCP25612FD Datasheet HTML 2Page - Microchip Technology MCP25612FD Datasheet HTML 3Page - Microchip Technology MCP25612FD Datasheet HTML 4Page - Microchip Technology MCP25612FD Datasheet HTML 5Page - Microchip Technology MCP25612FD Datasheet HTML 6Page - Microchip Technology MCP25612FD Datasheet HTML 7Page - Microchip Technology MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MCP25612FD
DS20005409A-page 4
 2015 Microchip Technology Inc.
1.2
Transmitter Function
The CAN bus has two states:
• Dominant state
• Recessive state
A Dominant state occurs when the differential voltage
between CANHx and CANLx is greater than
VDIFFX(D)(I). A Recessive state occurs when the differ-
ential voltage is less than VDIFFX(R)(I). The Dominant
and Recessive states correspond to the Low and High
state of the TXDX input pin, respectively. However, a
Dominant state initiated by another CAN node will
override a Recessive state on the CAN bus.
1.3
Receiver Function
In Normal mode, the RXDX output pin reflects the
differential bus voltage between CANHx and CANLx.
The Low and High states of the RXDX output pin
correspond to the Dominant and Recessive states of
the CAN bus, respectively.
1.4
Internal Protection
CANHx and CANLx are protected against battery short
circuits and electrical transients that can occur on the
CAN bus. This feature prevents destruction of the
transmitter output stage during such a Fault condition.
The device is further protected from excessive current
loading by thermal shutdown circuitry that disables the
output drivers when the junction temperature exceeds
a nominal limit of +175°C. All other parts of the chip
remain operational and the chip temperature is lowered
due to the decreased power dissipation in the transmitter
outputs. This protection is essential to protect against
bus line short-circuit induced damage. The activation of
the internal protection in one of the transceivers will not
affect the other one since these are fully independent.
1.5
Permanent Dominant Detection
The MCP25612FD device prevents two conditions:
• Permanent dominant condition on TXDX
• Permanent dominant condition on the bus
In Normal mode, if the MCP25612FD detects an
extended Low state on the TXDX input, it will disable the
CANHx and CANLx output drivers in order to prevent
the corruption of data on the CAN bus. The drivers will
remain disabled until TXDX goes to the High state.
In Standby mode, if the MCP25612FD detects an
extended Dominant condition on the bus, it will set the
RXDX pin to the Recessive state. This allows the
attached controller to go to Low-Power mode until the
dominant issue is corrected. RXDX is latched high until
a Recessive state is detected on the bus and the
wake-up function is enabled again.
Both conditions have a time-out of 1.25 ms (typical).
This implies a maximum bit time of 69.44 µs (14.4 kHz),
allowing up to 18 consecutive dominant bits on the bus.
The permanent dominant detection in one of the
transceivers will not affect the other one since these
are fully independent.
1.6
Power-on Reset (POR) and
Undervoltage Detection
The MCP25612FD has undervoltage detection on
the VDDX supply pin. The typical undervoltage
threshold is 4V.
When the device is powered on, CANHx and CANLx
remain in a High-Impedance state until VDDX exceeds
its undervoltage level. Once powered on, CANHx and
CANLx will enter a High-Impedance state if the voltage
level at VDDX drops below the undervoltage level,
providing voltage brown-out protection during normal
operation.
In Normal mode, the receiver output is forced to the
Recessive state during an undervoltage condition on
VDDX. In Standby mode, the low-power receiver is only
enabled when the VDDX supply voltage rises above its
undervoltage threshold. Once the threshold voltage is
reached, the low-power receiver is no longer controlled
by the POR comparator and remains operational down
to about 2.5V on the VDDX supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com