Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology MCP25612FD Datasheet HTML 10Page - Microchip Technology MCP25612FD Datasheet HTML 11Page - Microchip Technology MCP25612FD Datasheet HTML 12Page - Microchip Technology MCP25612FD Datasheet HTML 13Page - Microchip Technology MCP25612FD Datasheet HTML 14Page - Microchip Technology MCP25612FD Datasheet HTML 15Page - Microchip Technology MCP25612FD Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MCP25612FD
DS20005409A-page 12
 2015 Microchip Technology Inc.
2.4
Timing Diagrams and Specifications
FIGURE 2-7:
Timing Diagram for AC Characteristics.
FIGURE 2-8:
Timing Diagram for Wake-up from Standby.
FIGURE 2-9:
Permanent Dominant Timer Reset Detect.
3
7
4
8
0V
VDDX
TXDX (Transmit Data
Input Voltage)
VDIFFX (CANHx, CANLx
Differential Voltage)
RXDX (Receive Data
Output Voltage)
5
6
VTXDX = VDDX
10
0V
VDDX
VSTBYX
VCANHX/VCANLX
Input Voltage
0
VDDX/2
11
12
TXDX
VDIFFX (VCANHX – VCANLX)
Minimum Pulse Width until CAN bus goes to Dominant State after the Falling Edge
Driver is Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com