Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 5 Page - Microchip Technology

  MCP25612FD Datasheet HTML 1Page - Microchip Technology MCP25612FD Datasheet HTML 2Page - Microchip Technology MCP25612FD Datasheet HTML 3Page - Microchip Technology MCP25612FD Datasheet HTML 4Page - Microchip Technology MCP25612FD Datasheet HTML 5Page - Microchip Technology MCP25612FD Datasheet HTML 6Page - Microchip Technology MCP25612FD Datasheet HTML 7Page - Microchip Technology MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005409A-page 5
MCP25612FD
2.0
ELECTRICAL
CHARACTERISTICS
2.1
Absolute Maximum Ratings†
VDDX...........................................................................................................................................................................7.0V
DC Voltage at TXDX, RXDX, STBYx and VSSX..................................................................................-0.3V to VDDX + 0.3V
DC Voltage at CANHx and CANLx............................................................................................................... -58V to +58V
Transient Voltage on CANHx, CANLx (ISO-7637) (see Figure 2-4)......................................................... -150V to +100V
Storage Temperature ..............................................................................................................................-55°C to +150°C
Operating Ambient Temperature.............................................................................................................-40°C to +150°C
Virtual Junction Temperature, TVJ (IEC60747-1) ....................................................................................-40°C to +190°C
Soldering Temperature of Leads (10 seconds) ..................................................................................................... +300°C
ESD Protection on CANHx and CANLx Pins (IEC 61000-4-2); 330Ω/150 pF; Unpowered; Contact Discharge...... ±6 kV
ESD Protection on CANHx and CANLx Pins (IEC 801; Human Body Model); 1500Ω/100 pF ................................ ±8 kV
ESD Protection on All Other Pins (IEC 801; Human Body Model); 1500Ω/100 pF.................................................. ±4 kV
ESD Protection on All Pins (IEC 801; Machine Model); 0Ω/200 pF........................................................................±300V
ESD Protection on All Pins (IEC 801; Charge Device Model).................................................................................±750V
2.2
Specifications
†NOTICE:
Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
TABLE 2-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Extended (E): TAMB = -40°C to +125°C; High (H): TAMB = -40°C to +150°C;
VDDX = 4.5V to 5.5V, RLX = 60Ω, CLX = 100 pF; unless otherwise specified.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Supply (VDDX Pin)
Voltage Range
VDDX
4.5
5.5
Supply Current
(per transceiver)
IDD
5
10
mA Recessive; VTXDX = VDDX
45
70
Dominant; VTXDX = 0V
Standby Current
(per transceiver)
IDDS
—515
µA
High Level of the POR
Comparator
VPORH
3.8
4.3
V
Low Level of the POR
Comparator
VPORL
3.4
4.0
V
Hysteresis of the POR
Comparator
VPORD
0.3
0.8
V
Note 1:
Characterized; not 100% tested.
2:
-12V to 12V is ensured by characterization, tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com