Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 3 Page - Microchip Technology

  MCP25612FD Datasheet HTML 1Page - Microchip Technology MCP25612FD Datasheet HTML 2Page - Microchip Technology MCP25612FD Datasheet HTML 3Page - Microchip Technology MCP25612FD Datasheet HTML 4Page - Microchip Technology MCP25612FD Datasheet HTML 5Page - Microchip Technology MCP25612FD Datasheet HTML 6Page - Microchip Technology MCP25612FD Datasheet HTML 7Page - Microchip Technology MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005409A-page 3
MCP25612FD
1.0
DEVICE OVERVIEW
The MCP25612FD is a dual fully independent, CAN
FD transceiver Fault tolerant device that serves as the
interface between a CAN protocol controller and the
physical bus. The MCP25612FD device provides differ-
ential transmit and receive capability for the CAN pro-
tocol controller, and is fully compatible with the ISO
11898-2 and ISO 11898-5 standards.
The Loop Delay Symmetry is ensured to support data
rates up to 8 Mbps for CAN FD (Flexible Data-Rate).
The maximum propagation delay was improved to
support longer bus length.
Typically, each node in a CAN system must have a
device to convert the digital signals generated by a
CAN controller to signals suitable for transmission over
the bus cabling (differential output). It also provides a
buffer between the CAN controller and the high-voltage
spikes that can be generated on the CAN bus by
outside sources.
1.1
Mode Control Block
The MCP25612FD supports two modes of operation
between the two CAN transceivers independently:
• Normal Mode
• Standby Mode
These modes are summarized in Table 1-1.
1.1.1
NORMAL MODE
Normal mode is selected by applying low-level voltage
to the STBYx pin. The driver block is operational and
can drive the bus pins. The slopes of the output signals
on CANHx and CANLx are optimized to produce
minimal Electromagnetic Emissions (EME).
The high-speed differential receiver is active.
1.1.2
STANDBY MODE
The device may be placed in Standby mode by apply-
ing a high-level voltage to the STBYx pin. In Standby
mode, the transmitter and the high-speed part of the
receiver are switched off to minimize power consump-
tion. The low-power receiver and the wake-up filter
blocks are enabled to monitor the bus for activity. The
Receive pin (RXDX) will show a delayed representation
of the CAN bus due to the wake-up filter.
The CAN controller gets interrupted by a negative edge
on the RXDX pin (Dominant state on the CAN bus). The
CAN controller must put the MCP25612FD back into
Normal mode, using the STBYx pin, in order to enable
high-speed data communication.
The CAN bus wake-up function requires VDDX to be in
valid range.
TABLE 1-1:
MODES OF OPERATION
Mode
STBYx Pin
RXDX Pin
Low
High
Normal
Low
Bus is dominant
Bus is recessive
Standby
High
Wake-up request is detected
No wake-up request detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com