Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP25612FD Datasheet HTML 10Page - Microchip Technology MCP25612FD Datasheet HTML 11Page - Microchip Technology MCP25612FD Datasheet HTML 12Page - Microchip Technology MCP25612FD Datasheet HTML 13Page - Microchip Technology MCP25612FD Datasheet HTML 14Page - Microchip Technology MCP25612FD Datasheet HTML 15Page - Microchip Technology MCP25612FD Datasheet HTML 16Page - Microchip Technology MCP25612FD Datasheet HTML 17Page - Microchip Technology MCP25612FD Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MCP25612FD
DS20005409A-page 14
 2015 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
Table 3-1 describes the MCP25612FD device pinout.
3.1
Transmitter Data Input Pin (TXDX)
The CAN transceivers drive the differential output pins,
CANHx and CANLx, according to TXDX. TXDX is usually
connected to the transmitter data output of the CAN
controller device. When TXDX is low, CANHx and
CANLx are in the Dominant state. When TXDX is high,
CANHx and CANLx are in the Recessive state,
provided that another CAN node is not driving the CAN
bus with a Dominant state. TXDX is connected to an
internal pull-up resistor (nominal 33 kΩ) to VDDX.
3.2
Ground Supply Pin (VSSX)
Ground supply pin.
3.3
Supply Voltage Pin (VDDX)
Positive supply voltage pin. Supplies the transmitter
and receiver, including the wake-up receiver.
3.4
Receiver Data Output Pin (RXDX)
RXDX is a CMOS-compatible output that drives high or
low, depending on the differential signals on the
CANHx and CANLx pins, and is usually connected to
the receiver data input of the CAN controller device.
RXDX is high when the CAN bus is in the Recessive
state and low in the Dominant state. RXDX is supplied
by VDDX.
3.5
CAN Low Pin (CANLx)
The CANLx output drives the low side of the CAN
differential bus. This pin is also tied internally to the
receive input comparator. CANLx disconnects from the
bus when MCP25612FD is not powered.
3.6
CAN High Pin (CANHx)
The CANHx output drives the high side of the CAN
differential bus. This pin is also tied internally to the
receive input comparator. CANHx disconnects from the
bus when MCP25612FD is not powered.
3.7
Standby Mode Input Pin (STBYx)
This pin selects between Normal or Standby mode. In
Standby mode, the transmitter and high-speed receiver
are turned off; only the low-power receiver and
wake-up filter are active. STBYx is connected to an
internal MOS pull-up resistor to VDDX. The typical value
is 660 kΩ.
TABLE 3-1:
MCP25612FD PIN FUNCTIONS
SOIC
Pin Name
Pin Type
Pin Function
1TXD1
I
Transmit Data Input
2VSS1
Power
Ground
3VDD1
Power
Transceiver Supply Voltage
4RXD1
O
Receive Data Output
5TXD2
I
Transmit Data Input
6VSS2
Power
Ground
7VDD2
Power
Transceiver Supply Voltage
8RXD2
O
Receive Data Output
9
CANL2
I/O
CAN Low-Level Bus Line
10
CANH2
I/O
CAN High-Level Bus Line
11
STBY2
I
Standby Mode Input (active-high)
12
CANL1
I/O
CAN Low-Level Bus Line
13
CANH1
I/O
CAN High-Level Bus Line
14
STBY1
I
Standby Mode Input (active-high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com