Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP25612FD Datasheet HTML 5Page - Microchip Technology MCP25612FD Datasheet HTML 6Page - Microchip Technology MCP25612FD Datasheet HTML 7Page - Microchip Technology MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology MCP25612FD Datasheet HTML 10Page - Microchip Technology MCP25612FD Datasheet HTML 11Page - Microchip Technology MCP25612FD Datasheet HTML 12Page - Microchip Technology MCP25612FD Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005409A-page 9
MCP25612FD
FIGURE 2-2:
Test Load Conditions.
TABLE 2-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Extended (E): TAMB = -40°C to +125°C; High (H): TAMB = -40°C to +150°C;
VDDX = 4.5V to 5.5V, RLX = 60ΩCLX = 100 pF; unless otherwise specified.
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
1tBIT
Bit Time
0.125
69.44
µs
2fBIT
Bit Frequency
14.4
8000
kHz
3tTXDX-BUSON Delay TXDX Low to Bus Dominant
65
ns
(Note 1)
4tTXDX-BUSOFF Delay TXDX High to Bus Recessive
90
ns
(Note 1)
5tBUSON-RXDX Delay Bus Dominant to RXDX
—60
ns
(Note 1)
6tBUSOFF-RXDX Delay Bus Recessive to RXDX
—65
ns
(Note 1)
7tTXDX-RXDX Propagation Delay TXDX to RXDX
—90
120
ns
120
180
ns
RLX = 120Ω,
CLX = 200 pF (Note 1)
8a
tBIT(RXDX),2M Recessive Bit Time on RXDX – 2 Mbps,
Loop Delay Symmetry
450
485
550
ns
tBIT(TXDX) = 500 ns
(see Figure 2-10)
400
460
550
ns
tBIT(TXDX) = 500 ns
(see Figure 2-10);
RLX = 120Ω,
CLX = 200 pF (Note 1)
8b
tBIT(RXDX),5M Recessive Bit Time on RXDX – 5 Mbps,
Loop Delay Symmetry
160
185
220
ns
tBIT(TXDX) = 200 ns
(see Figure 2-10)
8c
tBIT(RXDX),8M Recessive Bit Time on RXDX – 8 Mbps,
Loop Delay Symmetry
85
105
140
ns
tBIT(TXDX) = 120 ns
(see Figure 2-10)
(Note 1)
9tFLTR(WAKE) Delay Bus Dominant to RXDX
(Standby mode)
0.5
1
4
µs
Standby mode
10
tWAKE
Delay Standby to Normal Mode
5
25
40
µs
Negative edge on STBYx
11
tPDT
Permanent Dominant Detect Time
1.25
ms
TXDX = 0V
12
tPDTR
Permanent Dominant Timer Reset
100
ns
The shortest Recessive
pulse on TXDX or CAN
bus to reset Permanent
Dominant Timer
Note 1:
Characterized, not 100% tested.
VDDX/2
CLX
RLX
Pin
Pin
VSSX
VSSX
CLX
RLX =464Ω
CLX = 50 pF for all digital pins
Load Condition 1
Load Condition 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com