Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP25612FD Datasheet HTML 2Page - Microchip Technology MCP25612FD Datasheet HTML 3Page - Microchip Technology MCP25612FD Datasheet HTML 4Page - Microchip Technology MCP25612FD Datasheet HTML 5Page - Microchip Technology MCP25612FD Datasheet HTML 6Page - Microchip Technology MCP25612FD Datasheet HTML 7Page - Microchip Technology MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology MCP25612FD Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MCP25612FD
DS20005409A-page 6
 2015 Microchip Technology Inc.
Bus Line Transmitter (CANHx, CANLx)
CANHx, CANLx:
Recessive Bus Output Voltage
VO(R)
2.0
0.5 VDDX
3.0
V
VTXDX = VDDX; no load
CANHx, CANLx:
Bus Output Voltage in Standby
VO(S)
-0.1
0.0
+0.1
V
STBYx = VTXDX =VDDX; no load
Recessive Output Current
IO(R)
-5
—
+5
mA -24V < VCAN < +24V
CANHx: Dominant
Output Voltage
VO(D)
2.75
3.50
4.50
V
TTXDX = 0; RLX = 50 to 65Ω
CANLx: Dominant
Output Voltage
0.50
1.50
2.25
RLX = 50 to 65Ω
Symmetry of Dominant
Output Voltage
(VDDX – VCANHX – VCANLX)
VO(D)(M)
-400
0
+400
mV
VTXDX = VSSX (Note 1)
Dominant: Differential
Output Voltage
VO(DIFF)
1.5
2.0
3.0
V
VTXDX = VSSX; RLX = 50 to 65Ω
(see Figure 2-1 and Figure 2-3)
Recessive:
Differential Output Voltage
-120
0
12
mV VTXDX = VDDX
(see Figure 2-1 and Figure 2-3)
-500
0
50
mV VTXDX = VDDX; no load
(see Figure 2-1 and Figure 2-3)
CANHx: Short-Circuit
Output Current
IO(SC)
-120
85
—
mA VTXDX = VSSX; VCANHX = 0V;
CANLx: Floating
-100
—
—
mA Same as above, but VDDX = 5V;
TAMB = +25°C (Note 1)
CANLx: Short-Circuit
Output Current
—75
+120
mA VTXDX = VSSX; VCANLX = 18V;
CANHx: Floating
—
—
+100
mA Same as above, but VDDX = 5V;
TAMB = +25°C (Note 1)
Bus Line Receiver (CANHx, CANLx)
Recessive Differential
Input Voltage
VDIFFX(R)(I)
-1.0
—
+0.5
V
Normal mode;
-12V < V(CANHX, CANLX) < +12V
(see Figure 2-5) (Note 2)
-1.0
—
+0.4
Standby mode;
-12V < V(CANHX, CANLX) < +12V
(see Figure 2-5) (Note 2)
Dominant Differential
Input Voltage
VDIFFX(D)(I)
0.9
—
VDDX
V
Normal mode;
-12V < V(CANHX, CANLX) < +12V
(see Figure 2-5) (Note 2)
1.0
—
VDDX
Standby mode;
-12V < V(CANHX, CANLX) < +12V
(see Figure 2-5) (Note 2)
TABLE 2-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics:
Extended (E): TAMB = -40°C to +125°C; High (H): TAMB = -40°C to +150°C;
VDDX = 4.5V to 5.5V, RLX = 60Ω, CLX = 100 pF; unless otherwise specified.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Characterized; not 100% tested.
2:
-12V to 12V is ensured by characterization, tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com