Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25612FD Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP25612FD
Description  Dual CAN Flexible Data-Rate Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25612FD Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP25612FD Datasheet HTML 3Page - Microchip Technology MCP25612FD Datasheet HTML 4Page - Microchip Technology MCP25612FD Datasheet HTML 5Page - Microchip Technology MCP25612FD Datasheet HTML 6Page - Microchip Technology MCP25612FD Datasheet HTML 7Page - Microchip Technology MCP25612FD Datasheet HTML 8Page - Microchip Technology MCP25612FD Datasheet HTML 9Page - Microchip Technology MCP25612FD Datasheet HTML 10Page - Microchip Technology MCP25612FD Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005409A-page 7
MCP25612FD
Bus Line Receiver (CANHx, CANLx) (Continued)
Differential
Receiver Threshold
VTH(DIFF)
0.5
0.7
0.9
V
Normal mode;
-12V < V(CANHX, CANLX) < +12V
(see Figure 2-5) (Note 2)
0.4
—
1.0
Standby mode;
-12V < V(CANHX, CANLX) < +12V
(see Figure 2-5) (Note 2)
Differential
Input Hysteresis
VHYS(DIFF)
50
—
200
mV Normal mode (see Figure 2-5)
(Note 1)
Common-Mode
Input Resistance
RIN
10
—
30
kΩ
(Note 1)
Common-Mode
Resistance Matching
RIN(M)
-1
0
+1
%
VCANHX = VCANLX (Note 1)
Differential Input Resistance
RIN(DIFF)
10
—
100
kΩ
(Note 1)
Common-Mode
Input Capacitance
CIN(CM)
——
20
pF
VTXDX = VDDX (Note 1)
Differential
Input Capacitance
CIN(DIFF)
——
10
VTXDX = VDDX (Note 1)
CANHx, CANLx:
Input Leakage
ILI
-5
—
+5
µA
VDDX =VTXDX =VSTBYX =0V;
VCANHX = VCANLX = 5V
Digital Input Pins (TXDX, STBYx)
High-Level Input Voltage
VIH
0.7 VDDX
—VDDX +0.3
V
Low-Level Input Voltage
VIL
-0.3
—
0.3 VDDX
V
High-Level Input Current
IIH
-1
—
+1
µA
TXDX: Low-Level Input Current
IIL(TXDX)
-270
-150
-30
µA
STBYx: Low-Level Input
Current
IIL(STBYX)
-30
—
-1
µA
Receive Data Output (RXDX)
High-Level Output Voltage
VOHX
VDDX – 0.4
—
—
V
IOH = -2 mA; typical -4 mA
Low-Level Output Voltage
VOLX
——
0.4
V
IOL = 4 mA; typical 8 mA
Thermal Shutdown
Shutdown
Junction Temperature
TJ(SD)
165
175
185
°C
-12V < V(CANHX, CANLX) < +12V
(Note 1)
Shutdown
Temperature Hysteresis
TJ(HYST)
20
—
30
°C
-12V < V(CANHX, CANLX) < +12V
(Note 1)
TABLE 2-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics:
Extended (E): TAMB = -40°C to +125°C; High (H): TAMB = -40°C to +150°C;
VDDX = 4.5V to 5.5V, RLX = 60Ω, CLX = 100 pF; unless otherwise specified.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Characterized; not 100% tested.
2:
-12V to 12V is ensured by characterization, tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com