Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 18Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 19Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 20Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 21Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
ASIX ELECTRONICS CORPORATION
22
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
4.2 Buffer Management Operation
There are four buffer memory access types used in AX88796.
1. Packet Reception (Write data to memory from MAC)
2. Packet Transmision (Read data from memory to MAC)
3. Filling Packets to Transmit Buffer (Host fill data to memory)
4. Removing Packets from the Receive Buffer Ring (Host read data from memory)
The type 1 and 2 operations act as Local DMA. Type 1 does Local DMA write operation and type 2 does Local
DMA read operation. The type 3 and 4 operations act as Remote DMA. Type 3 does Remote DMA write
operation and type 4 does Remote DMA read operation.
4.2.1 Packet Reception
The Local DMA receive channel uses a Buffer Ring Structure comprised of a series of contiguous fixed length
256 byte (128 word) buffers for storage of received packets. The location of the Receive Buffer Ring is
programmed in two registers, a Page Start and a Page Stop Register. Ethernet packets consist of minimum
packet size (64 bytes) to maximum packet size (1522 bytes), the 256 byte buffer length provides a good
compromise between short packets and longer packets to most efficiently use memory. In addition these buffers
provide memory resources for storage of back-to-back packets in loaded networks. The assignment of buffers
for storing packets is controlled by Buffer Management Logic in the AX88796. The Buffer Management Logic
provides three basic functions: linking receive buffers for long packets, recovery of buffers when a packet is
rejected, and recirculation of buffer pages that have been read by the host.
At initialization, a portion of the 16k byte (or 8k word) address space is reserved for the receiver buffer ring.
Two eight bit registers, the Page Start Address Register (PSTART) and the Page Stop Address Register
(PSTOP) define the physical boundaries of where the buffers reside. The AX88796 treats the list of buffers as a
logical ring; whenever the DMA address reaches the Page Stop Address, the DMA is reset to the Page Start
Address.
Buffer #1
Buffer #2
Buffer #3
…
…
…
…
Buffer #n
Physical Memory Map
Logic Receive Buffer Ring
Fig - 8 Receive Buffer Ring
4000h
8000h
Page Start
Page Stop
1
2
3
4
…
n-2
n-1
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com