Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 20Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 21Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
ASIX ELECTRONICS CORPORATION
24
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
buffer address does not match either the Boundary Pointer or Page Stop Address, the link to the next buffer is
performed.
LINKING BUFFERS
Before the DMA can enter the next contiguous 256 bytes buffer, the address is checked for equality to PSTOP
and to the Boundary Pointer. If neither are reached, the DMA is allowed to use the next buffer.
BUFFER RING OVERFLOW
If the Buffer Ring has been filled and the DMA reaches the Boundary Pointer Address, reception of the incoming
packet will be aborted by the AX88796. Thus, the packets previously received and still contained in the Ring will
not be destroyed. In a heavily loaded network environment the local DMA may be disabled, preventing the
AX88796 from buffering packets from the network. To guarantee this will not happen, a software reset must be
issued during all Receive Buffer Ring over flows (indicated by the OVW bit in the Interrupt Status Register).
The following procedure is required to recover from a Receiver Buffer Ring Overflow. If this routine is not
adhered to, the AX88796 may act in an unpredictable manner. It should also be noted that it is not permissible to
service an overflow interrupt by continuing to empty packets from the receive buffer without implementing the
prescribed overflow routine.
Note: It is necessary to define a variable in the driver, which will be called ``Resend''.
1. Read and store the value of the TXP bit in the AX88796's Command Register.
2. Issue the STOP command to the AX88796. This is accomplished be setting the STP bit in the AX88796's
Command Register. Writing 21H to the Command Register will stop the AX88796.
3. Wait for at least 1.5 ms. Since the AX88796 will complete any transmission or reception that is in progress,
it is necessary to time out for the maximum possible duration of an Ethernet transmission or reception. By
waiting 1.5 ms this is achieved with some guard band added. Previously, it was recommended that the RST bit
of the Interrupt Status Register be polled to insure that the pending transmission or reception is completed.
This bit is not a reliable indicator and subsequently should be ignored.
4. Clear the AX88796's Remote Byte Count registers (RBCR0 and RBCR1).
5. Read the stored value of the TXP bit from step 1, above. If this value is a 0, set the ``Resend'' variable to a 0
and jump to step 6. If this value is a 1, read the AX88796's Interrupt Status Register. If either the Packet
Transmitted bit (PTX) or Transmit Error bit (TXE) is set to a 1, set the ``Resend'' variable to a 0 and jump to
step 6. If neither of these bits is set, place a 1 in the ``Resend'' variable and jump to step 6. This step determines
if there was a transmission in progress when the stop command was issued in step 2. If there was a
transmission in progress, the AX88796's ISR is read to determine whether or not the packet was recognized by
the AX88796. If neither the PTX nor TXE bit was set, then the packet will essentially be lost and retransmitted
only after a time-out takes place in the upper level software. By determining that the packet was lost at the
driver level, a transmit command can be reissued to the AX88796 once the overflow routine is completed (as
in step 11). Also, it is possible for the AX88796 to defer indefinitely, when it is stopped on a busy network.
Step 5 also alleviates this problem. Step 5 is essential and should not be omitted from the overflow routine, in
order for the AX88796 to operate correctly.
6. Place the AX88796 in mode 1 loopback. This can be accomplished by setting bits D2 and D1, of the Transmit
Configuration Register to ``0,1''.
7. Issue the START command to the AX88796. This can be accomplished by writing 22H to the Command
Register. This is necessary to activate the AX88796's Remote DMA channel.
8. Remove one or more packets from the receive bufferring.
9. Reset the overwrite warning (OVW, overflow) bit in the Interrupt Status Register.
10. Take the AX88796 out of loopback. This is done by writing the Transmit Configuration Register with the
value it contains during normal operation. (Bits D2 and D1 should both be programmed to 0.)
11. If the ``Resend'' variable is set to a 1, reset the ``Resend'' variable and reissue the transmit command. This is
done by writing a value of 26H to the Command Register. If the ``Resend'' variable is 0, nothing needs to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com