Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 68 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 68 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 67Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 68Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 69Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 70Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 71Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
ASIX ELECTRONICS CORPORATION
68
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
C49
0.1u
R12
20
TXD3
3.3V
TIP
TXEN
ACTLED
C16
0.1u
RXDV
C48
0.01u
LED4
3.3VA2
3.3V
RXCK
RING
TXEN
RXER
TXD1
GND
ACTLED
C40
0.1u
CRS
TXD0
GND
TXD1
MDIO
RESET
TXD1
CRS
TXD3
+
C39
4.7uF/16V
SMD 1206
RXD3
R37
4.7K
R11
4.7K
RXD3
GND
COL
RXD0
Q1
2SC2412K
RING
COL
D6
LED
MDC
TXD0
LED5
3.3V
C41
0.01u
TXD2
RXD3
TXCK
MDC
RESET
R13
4.7K
D5
LED
R16
330
Set PHY address to 00001.
RXCLK
RXD0
SPDLED
CRS
R19
4.7K
RXD1
RING
TXCK
TXEN
COLLED
3.3V
TIP
PWRLED
D4
LED
COLLED
3.3V
R15
4.7K
R29
2K
RXD1
PWRLED
TXCLK
R18
4.7K
TIP
RESET#
C15
0.01u
TXD2
U5
DP83851C
TQFP
36
35
34
33
32
31
23
24
25
26
27
28
37
38
21
22
45
46
19
29
39
5
11
20
7
8
4
17
18
16
15
44
14
42
43
48
30
40
41
47
3
6
10
1
2
9
12
13
TXD3
TXD2
TXD1
TXD0/TXD
TX_EN
TX_CLK
RXD3/PHYAD0
RXD2/CMDDIS#
RXD1/HI_POWER_EN#
RXD0/RXD/LOW_SPEED_EN#
RX_DV/GPSI_SEL#
RX_CLK
COL/MDIO_INT_EN#
CRS/PIN_INTRP_EN#
MDIO
MDC
X1
X2
IO_VDD1
IO_VDD2
CORE_VDD
ANA_VDD2
ANA_VDD3
IO_GND1
TIP
RING
RBIAS
LED_COL/PHYAD2
LED_ACT/PHYAD1
LED_SPEED/PHYAD3
LED_POWER/PHYAD4
RESET#
RESERVED
RESERVED
RESERVED
ANA_VDD1
IO_GND2
CORE_GND
CORE_SUB(0V)
ANA_GND1
ANA_GND2
ANA_GND3
ANA_GND4
SUB_GND1
SUB_GND2
SUB_GND3
RESERVED
RESERVED
RXCK
SPDLED
RESET#
RXDV
RXD2
RESET
3.3V
R14
330
RXD2
RXD3
PCLK
GND
TXD3
796NS3A2.SCH
2.0
DP83851C
A4
3
4
Thursday, April 19, 2001
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
3.3V
3.3VA1
R33
9.31K
1%
C44
0.1u
COL
3.3V
RXDV
MDIO
RXD2
RXER
PCLK
GND
C46
0.01u
PCLK
R17
4.7K
R10
330
RBIAS
MDC
TXD2
R28
20
R30
2K
L4
F.B.
SMD 1206
TXCK
3.3V
LED6
L6
F.B.
SMD 1206
RXD1
RXD0
C38
0.01u
RXCK
GND
TXD0
MDIO
C50
0.1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com