Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 3 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 3 Page - ASIX Electronics Corporation

  AX88796LF Datasheet HTML 1Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 2Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 3Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
ASIX ELECTRONICS CORPORATION
3
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.1.13 Test Register (TR) Offset 15H (Write) .................................................................................................... 37
5.1.14 Test Register (TR) Offset 15H (Read) .................................................................................................... 38
5.1.15 General Purpose Input Register (GPI) Offset 17H (Read)...................................................................... 38
5.1.16 GPO and Control (GPOC) Offset 17H (Write) ....................................................................................... 38
5.1.17 SPP Data Port Register (SPP_DPR) Offset 18H (Read/Write) ............................................................... 39
5.1.18 SPP Status Port Register (SPP_SPR) Offset 19H (Read)........................................................................ 39
5.1.19 SPP Command Port Register (SPP_CPR) Offset 1AH (Read/Write) ....................................................... 39
5.2 THE EMBEDDED PHY REGISTERS ..................................................................................................................... 40
5.2.1 MR0 -- Control Register Bit Descriptions................................................................................................. 41
5.2.2 MR1 -- Status Register Bit Descriptions ................................................................................................... 42
5.2.3 MR2, MR3 -- Identification Registers (1 and 2) Bit Descriptions.............................................................. 43
5.2.4 MR4 – Autonegotiation Advertisement Registers Bit Descriptions............................................................ 43
5.2.5 MR5 – Autonegotiation Link Partner Ability (Base Page) Register Bit Descriptions................................. 43
5.2.6 MR5 –Autonegotiation Link Partner(LP)Ability Register (Next Page)Bit Descriptions ............................. 44
5.2.7 MR6 – Autonegotiation Expansion Register Bit Descriptions ................................................................... 44
5.2.8 MR7 –Next Page Transmit Register Bit Descriptions ............................................................................... 45
5.2.9 MR16 – PCS Control Register Bit Descriptions........................................................................................ 45
5.2.10 MR17 –Autonegotiation Register A Bit Descriptions .............................................................................. 46
5.2.11 MR18 –Autonegotiation Register B Bit Descriptions .............................................................................. 46
5.2.12 MR20 –User Defined Register Bit Descriptions...................................................................................... 46
5.2.13 MR21 –RXER Counter Register Bit Descriptions ................................................................................... 47
5.2.14 MR28 –Device-Specific Register 1 (Status Register) Bit Descriptions..................................................... 47
5.2.15 MR29 –Device-Specific Register 2 (100Mbps Control) Bit Descriptions................................................. 48
5.2.16 MR30 –Device-Specific Register 3 (10Mbps Control) Bit Descriptions................................................... 49
5.2.17 MR31 –Device-Specific Register 4 (Quick Status) Bit Descriptions ........................................................ 50
6.0 CPU I/O READ AND WRITE FUNCTIONS ................................................................................................. 51
6.1 ISA BUS TYPE ACCESS FUNCTIONS. ................................................................................................................... 51
6.2 80186 CPU BUS TYPE ACCESS FUNCTIONS......................................................................................................... 51
6.3 MC68K CPU BUS TYPE ACCESS FUNCTIONS...................................................................................................... 52
6.4 MCS-51 CPU BUS TYPE ACCESS FUNCTIONS. .................................................................................................... 52
6.5 CPU ACCESS MII STATION MANAGEMENT FUNCTIONS. .................................................................................... 53
7.0 ELECTRICAL SPECIFICATION AND TIMINGS....................................................................................... 54
7.1 ABSOLUTE MAXIMUM RATINGS ........................................................................................................................ 54
7.2 GENERAL OPERATION CONDITIONS................................................................................................................... 54
7.3 DC CHARACTERISTICS ..................................................................................................................................... 54
7.4 A.C. TIMING CHARACTERISTICS....................................................................................................................... 55
7.4.1 XTAL / CLOCK ........................................................................................................................................ 55
7.4.2 Reset Timing ............................................................................................................................................ 55
7.4.3 ISA Bus Access Timing............................................................................................................................. 57
7.4.4 80186 Type I/O Access Timing ................................................................................................................. 58
7.4.5 68K Type I/O Access Timing .................................................................................................................... 59
7.4.6 8051 Bus Access Timing........................................................................................................................... 60
7.4.7 MII Timing............................................................................................................................................... 61
8.0 PACKAGE INFORMATION........................................................................................................................... 62
APPENDIX A: APPLICATION NOTE 1 ............................................................................................................. 63
A.1 USING CRYSTAL 25MHZ................................................................................................................ 63
A.2 USING OSCILLATOR 25MHZ......................................................................................................... 63
APPENDIX B: POWER CONSUMPTION REFERENCE DATA ...................................................................... 64
ERRATA OF AX88796 .......................................................................................................................................... 65
DEMONSTRATION CIRCUIT (A) : AX88796 WITH ISA BUS + HOMEPNA 1M8 PHY .............................. 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com