Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
ASIX ELECTRONICS CORPORATION
27
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
D15
D8
D7
D0
Destination Address 0
Destination Address 1
Destination Address 2
Destination Address 3
Destination Address 4
Destination Address 5
Source Address 0
Source Address 1
Source Address 2
Source Address 3
Source Address 4
Source Address 5
Type / Length 0
Type / Length 1
Data 0
Data 1
…
…
BOS = 1, WTS = 1 in Data Configuration Register.
This format is used with MC68K Mode.
D7
D0
Destination Address 0 (DA0)
Destination Address 1 (DA1)
Destination Address 2 (DA2)
Destination Address 3 (DA3)
Destination Address 4 (DA4)
Destination Address 5 (DA5)
Source Address 0 (SA0)
Source Address 1 (SA1)
Source Address 2 (SA2)
Source Address 3 (SA3)
Source Address 4 (SA4)
Source Address 5 (SA5)
Type / Length 0
Type / Length 1
Data 0
Data 1
…
BOS = 0, WTS = 0 in Data Configuration Register.
This format is used with ISA, 80186 or MCS-51 Mode.
Note: All examples above will result in a transmission of a packet in order of DA0 (Destination Address 0),
DA1, DA2, DA3 . . . in byte. Bits within each byte will be transmitted least significant bit first.
4.2.3 Filling Packet to Transmit Buffer (Host fill data to memory)
The Remote DMA channel is used to both assemble packets for transmission, and to remove received packets
from the Receive Buffer Ring. It may also be used as a general purpose slave DMA channel for moving blocks
of data or commands between host memory and local buffer memory. There are two modes of operation, Remote
Write and Remote Read Packet.
Two register pairs are used to control the Remote DMA, a Remote Start Address (RSAR0, RSAR1) and a
Remote Byte Count (RBCR0, RBCR1) register pair. The Start Address Register pair points to the beginning of
the block to be moved while the Byte Count Register pair is used to indicate the number of bytes to be
transferred. Full handshake logic is provided to move data between local buffer memory (Embedded Memory)
and a bidirectional I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com