Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
ASIX ELECTRONICS CORPORATION
26
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
Destination Address
6 Bytes
Source Address
6 Bytes
Length / Type
2 Bytes
Data
(Pad if < 46 Bytes)
46 Bytes
Min.
General Transmit Packet Format
TRANSMISSION
Prior to transmission, the TPSR (Transmit Page Start Register) and TBCR0, TBCR1 (Transmit Byte Count
Registers) must be initialized. To initiate transmission of the packet the TXP bit in the Command Register is set.
The Transmit Status Register (TSR) is cleared and the AX88796 begins to prefetch transmit data from memory.
If the Interpacket Gap (IPG) has timed out the AX88796 will begin transmission.
CONDITIONS REQUIRED TO BEGIN TRANSMISSION
In order to transmit a packet, the following three conditions must be met:
1. The Interpacket Gap Timer has timed out
2. At least one byte has entered the FIFO. (This indicates that the burst transfer has been started)
3. If a collision had been detected then before transmission the packet backoff time must have timed out.
COLLISION RECOVERY
During transmission, the Buffer Management logic monitors the transmit circuitry to determine if a collision has
occurred. If a collision is detected, the Buffer Management logic will reset the FIFO and restore the Transmit
DMA pointers for retransmission of the packet. The COL bit will be set in the TSR and the NCR (Number of
Collisions Register) will be incremented. If 15 retransmissions each result in a collision the transmission will be
aborted and the ABT bit in the TSR will be set.
Transmit Packet Assembly Format
The following diagrams describe the format for how packets must be assembled prior to transmission for
different byte ordering schemes. The various formats are selected in the Data Configuration Register and setting
the CPU[1:0] pins for ISA, 80186, MC68K or MCS-51 mode.
D15
D8
D7
D0
Destination Address 1
Destination Address 0
Destination Address 3
Destination Address 2
Destination Address 5
Destination Address 4
Source Address 1
Source Address 0
Source Address 3
Source Address 2
Source Address 5
Source Address 4
Type / Length 1
Type / Length 0
Data 1
Data 0
…
…
BOS = 0, WTS = 1 in Data Configuration Register.
This format is used with ISA or 80186 Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com