Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 53 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 53 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 55Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 56Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 57Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
ASIX ELECTRONICS CORPORATION
53
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
6.5 CPU Access MII Station Management functions.
Basic Operation
The primary function of station management is to transfer control and status information about the PHY to a
management entity. This function is accomplished by the MDC clock input from MAC entity, which has a
maximum frequency of 12.5 MHz (for internal PHY only, as to external PHY please refer to the relevant
specification), along with the MDIO signal.
The Internal PHY address is fixed to 10h and the equivalent circuit is shown as below:
A specific set of registers and their contents (described in Tab - 16 MII Management Frames- field Description)
defines the nature of the information transferred across the MDIO interface. Frames transmitted on the MII
management interface will have the frame structure shown in Tab - 15 MII Management Frame Format. The
order of bit transmission is from left to right. Note that reading and writing the management register must be
completed without interruption.
Read/Write
(R/W)
Pre
ST
OP
PHYAD
REGAD
TA
DATA
IDLE
R
1. . .1
01
10
AAAAA
RRRRR
Z0
DDDDDDDDDDDDDDDD
Z
W
1. . .1
01
01
AAAAA
RRRRR
10
DDDDDDDDDDDDDDDD
Z
Tab - 15 MII Management Frame Format
Field
Descriptions
Pre
Preamble. The PHY will accept frames with no preamble. This is indicated by a 1 in register 1, bit 6.
ST
Start of Frame. The start of frame is indicated by a 01 pattern.
OP
Operation Code. The operation code for a read transaction is 10. The operation code for a write
transaction is a 01.
PHYADD
PHY Address. The PHY address is 5 bits, allowing for 32 unique addresses. The first PHY address
bit transmitted and received is the MSB of the address. A station management entity that is
attached to multiple PHY entities must have prior knowledge of the appropriate PHY address for
each entity.
REGAD
Register Address. The register address is 5 bits, allowing for 32 unique registers within each PHY. The
first register address bit transmitted and received is the MSB of the address.
TA
Turnaround. The turnaround time is a 2-bit time spacing between the register address field, and
the data field of a frame, to avoid drive contention on MDIO during a read transaction. During a
write to the PHY, these bits is driven to 10 by the station. During a read, the MDIO is not
driven during the first bit time and is driven to a 0 by the PHY during the second bit time.
DATA
Data. The data field is 16 bits. The first bit transmitted and received will be bit 15 of the register
being addressed.
IDLE
Idle Condition. The IDLE condition on MDIO is a high-impedance state. All three state drivers will be
disabled and the PHY’s pull-up resistor will pull the MDIO line to logic 1.
Tab - 16 MII Management Frames- field Description
0
Y (MUX)
1
S
(Internal PHY)
MDC
MDIO-OUT
MDIO-IN
If (PHY_ID==10h) then S=1 else S=0
Pin67
MDC
Pin66
MDIO
From Register
Offset 14h
MDC
MDO
MDI
MDIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com