Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 31Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 32Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 33Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 34Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 35Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
ASIX ELECTRONICS CORPORATION
32
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.0 Registers Operation
5.1 MAC Core Registers
All registers of MAC Core are 8-bit wide and mapped into pages which are selected by PS (Page Select) in
the Command Register.
PAGE 0 (PS1=0,PS0=0)
OFFSET
READ
WRITE
00H
Command Register
( CR )
Command Register
( CR )
01H
Page Start Register
( PSTART )
Page Start Register
( PSTART )
02H
Page Stop Register
( PSTOP )
Page Stop Register
( PSTOP )
03H
Boundary Pointer
( BNRY )
Boundary Pointer
( BNRY )
04H
Transmit Status Register
( TSR )
Transmit Page Start Address
( TPSR )
05H
Number of Collisions Register
( NCR )
Transmit Byte Count Register 0
( TBCR0 )
06H
Current Page Register
( CPR )
Transmit Byte Count Register 1
( TBCR1 )
07H
Interrupt Status Register
( ISR )
Interrupt Status Register
( ISR )
08H
Current Remote DMA Address 0
( CRDA0 )
Remote Start Address Register 0
( RSAR0 )
09H
Current Remote DMA Address 1
( CRDA1 )
Remote Start Address Register 1
( RSAR1 )
0AH
Reserved
Remote Byte Count 0
( RBCR0 )
0BH
Reserved
Remote Byte Count 1
( RBCR1 )
0CH
Receive Status Register
( RSR )
Receive Configuration Register
( RCR )
0DH
Reserved
Transmit Configuration Register ( TCR )
0EH
Reserved
Data Configuration Register
( DCR )
0FH
Reserved
Interrupt Mask Register
( IMR )
10H, 11H
Data Port
Data Port
12H
IFGS1
IFGS1
13H
IFGS2
IFGS2
14H
MII/EEPROM Access
MII/EEPROM Access
15H
Test Register
Test Register
16H
Inter-frame Gap (IFG)
Inter-frame Gap (IFG)
17H
GPI
GPOC
18H - 1AH
Standard Printer Port (SPP)
Standard Printer Port (SPP)
1BH - 1EH
Reserved
Reserved
1FH
Reset
Reserved
Tab - 12 Page 0 of MAC Core Registers Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com