Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 62 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 62 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 58Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 59Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 60Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 61Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 62Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 66Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
ASIX ELECTRONICS CORPORATION
62
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
8.0 Package Information
b
e
E
He
pin 1
A2
A1
q
A
MILIMETER
SYMBOL
MIN.
NOM
MAX
A1
0.05
0.1
0.15
A2
1.35
1.40
1.45
A
1.6
b
0.17
0.22
0.27
D
13.90
14.00
14.10
E
19.90
20.00
20.10
e
0.5
Hd
15.60
16.00
16.40
He
21.00
22.00
23.00
L
0.45
0.60
0.75
L1
1.00
θ
0°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com