Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 64 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 64 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 60Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 61Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 62Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 67Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 68Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
ASIX ELECTRONICS CORPORATION
64
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
Appendix B: Power Consumption Reference Data
The following reference data of power consumption are measured base on prime application, that is AX88796 +
EEPROM, at 3.3V/25 °C room temperature.
Item
Test Conditions
Typical Value
Units
1
Power save mode ( Power Down register bit set to “1” asserted)
0
mA
2
Idel without Link
22
mA
3
Idel with 10M Link
30
mA
4
Idel with 100M Link
91
mA
5
Full traffic with 10Mbps at half-duplex mode
48 – 80
mA
6
Full traffic with 10Mbps at full-duplex mode
48 – 80
mA
7
Full traffic with 100Mbps at half-duplex mode
88 – 94
mA
8
Full traffic with 100Mbps at full-duplex mode
88 – 94
mA
9
Power save mode ( Power Down register bit set to “1” asserted) no LED drive
0
mA
10
Idel without Link, no LED drive
22
mA
11
Idel with 10M Link, no LED drive
25
mA
12
Idel with 100M Link, no LED drive
84
mA
13
Full traffic with 10Mbps at half-duplex mode, no LED drive
46 – 66
mA
14
Full traffic with 10Mbps at full-duplex mode, no LED drive
46 – 66
mA
15
Full traffic with 100Mbps at half-duplex mode, no LED drive
83
mA
16
Full traffic with 100Mbps at full-duplex mode, no LED drive
83
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com