Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 67 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 67 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 67Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 68Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 69Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 70Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 71Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
ASIX ELECTRONICS CORPORATION
67
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
3.3V
TPIP
OFF
TXD0
ON
CRS
BHE#
R23
24.9K 1%
R8
330
R21
20.1K 1%
ON
SA5
SD7
REXT10
340H
TXD2
EECS
EESK
OFF
GPI2
R XD1
OFF
TXEN
GPI1
LINK
Speed LED
OFF
PCLK
IREQ
IDDQ
P1
DB-25F
13
25
12
24
11
23
10
22
9
21
8
20
7
19
6
18
5
17
4
16
3
15
2
14
1
SD12
GPI2
R7
330
L1
F.B.
SMD 1206
R XD2
U4
25MHZ OSC
8
4
5
VCC
GND
OUT
OFF
SD8
C10
0.1u
C9
0.01u
MDIO
ON
*1
Pin 67 SPP_SET# = 0 : Select printer interface.
Pin 67 SPP_SET# = 1 : Select MII interface.(Default)
796NS3A1.SCH
2.0
AX88796
A3
2
4
Thursday, April 19, 2001
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
SD11
3.3VP
3.3VO
C30
33p
JP1
6PIN JUMP
1
2
3
4
5
6
R XD0
STROB#
SD6
R XD1
TPON
R5
0
ZVREG
GND
C33
0.01u
ON
*6 Use Crystal or Oscillator.
SA1
IOWR#
C20
0.01u
R XD2
3.3V
TXCK
ERR
R XD2
IOIS16#
R46
10K
ZVREG
C34
0.01u
ON
XIN
R49
10K
OFF
*3
RESET
C35
0.001u
TXEN
ON
CPU1
TXD0
BHE#
R XD3
BUSY
8051
SA9
SPEED
IORD#
TXD3
360h
R XCK
EEDI
RESET
R XD1
+
C8
4.7uF/16V
SMD 1206
+ C11
4.7uF/16V
SMD 1206
PD5
PD0
ON
*2
*4
GPI0
IORD#
R2
10K
*5
R XD3
D1
LED
C25
0.01u
380h
300h
*3
RDY
TPIP
3.3V
C21
0.01u
IOWR#
GPI0
AEN
R XDV
SD2
SD13
REXT100
3.3V
C14
0.1u
PD2
*4
Pin 116 I_OP = 0 : LNK/ACT & FULL/COL LED Display be used.
Pin 116 I_OP = 1 : LNK & ACT LED Display be used.
TXD0
XOUT
MDIO
R XD0
C37
0.1u
PCLK
GND
PD4
CPU1
R XD0
C19
0.1u
R XCK
R27
10K
ON
TPIP
GPI1
INIT#
MDC
SD1
ISA BUS
3.3VA
CRS
3.3VD
ON
R XD3
EEDO
RDY
3.3V
CRS
C6
0.01u
SA0
SD9
IOIS16#
TXD0
220h
OFF
TXD1
3.3V
TXCK
TXD3
EEDO
PE
IORD#
TXCK
R XCK
IO BASE
OFF
ON
+
C13
4.7uF/16V
SMD 1206
TPIN
TXD3
PD7
MDC
SA6
SLIN#
200h
R9
330
R1
10K
C4
0.001u
ON
SD15
R25
10K
GND
CRS
*3 CPU Type select
ON
OFF
EEDI
TPOP
COL
C28
33p
R48
10K
+ C36
4.7uF/16V
SMD 1206
REXTBS
ZVREG
3.3V
R XD1
PD1
R XER
TPOP
C12
0.1u
TPOP
IOBASE0
OFF
OFF
*5 IOBASE
Select
CS#
GND
R XD2
+
C1
4.7uF/16V
SMD 1206
*1
BHE#
TXD1
XIN
C29
0.1u
L2
F.B.
SMD 1206
default
CLKO25
CPU0
IRQ
U3
AX88796
LQFP
1
2
3
4
5
6
7
8
9
10
11
12
15
13
14
16
18
19
22
23
24
25
27
28
26
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
123
126
127
128
AEN
/PSEN
RDY
/DTACK
RESET
SA0
/LDS
SA1
SA2
SA3
SA4
SA5
SA6
SA7
SA8
SA9
VDD
VSS
IRQ
/IRQ
/IOWR
R/W
/IORD
/BHE
/UDS
SD15
SD14
SD13
VDD
VSS
SD12
SD11
SD10
SD9
SD8
SD7
VSS
SD6
SD5
SD4
SD3
SD2
VDD
SD1
SD0
VSS
CLKO25M
BIST
IDDQ
TEST2
EEDO
EEDI
PPD_SET
EECK
EECS
VSS
VDD
VSS
VSSA
VDDA
VDD
CPU0
CPU1
LINK_LED
LINK/ACT_LED
SPEEDLED
ACT_LED
FULL/COL_LED
VSS
TEST1
MDIO
/SPP_SET
MDC
VSSA
VDDA
TPIP
TPIN
VSSA
VDDA
REXTBS
VSSA
VDDM
VSSM
VDDPD
LCLK/XTALIN
XTALOUT
VSSPD
VDDA
REXT100
REXT10
VSSA
VSSO
TPON
TPOP
VSSO
VSSO
VDDO
ZVREG
VSSM
VSS
PD0
RXD0
PD1
RXD1
PD2
RXD2
PD3
RXD3
PD4
RX_CLK
PD5
CRS
PD6
COL
PD7
RX_DV
SLCT
GPI0/LINK
VDD
VSS
PE
GPI1/DPX
/ACK
TX_CLK
BUSY
TX_EN
/STRB
TXD0
/ATFD
TXD1
/INIT
TXD2
/SLCTIN
TXD3
/ERR
GPI2/SPD
VDD
VSS
LED_OP
IO_BASE0
IO_BASE1
IO_BASE2
GPO0
/IOIS16
VDD
VSS
/CS
*5
XOUT
D2
LED
R XD3
PD3
GND
R22
2.49K 1%
OFF
MDIO
R XDV
COL
EESK
Link LED
SLCT
TXD2
+ C43
4.7uF/16V
SMD 1206
ON
L5
F.B.
SMD 1206
TXD1
3.3VD
IRQ
IOWR#
IOBASE1
SA3
TXD2
IOIS16#
MDC
PCLK
RDY
OFF
SA4
TXD3
EECS
C42
0.01u
TXEN
3.3V
C24
0.1u
ON
MODE
TXEN
SD4
XIN
LEDOP
COL
R52
2M
CPU0
OFF
L3
F.B.
SMD 1206
SA[0..9]
COL
SD5
C22
0.01u
C7
0.01u
RESET
SA7
SD3
U2
93C56R
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
NC
NC
VCC
R26
10K
C5
0.01u
SA8
3.3V
+
C2
4.7uF/16V
SMD 1206
SD[0..15]
ON
SD10
AEN
SA2
SD0
Y1
25MHZ
IOBASE2
R XD0
TXD1
PD6
ON
R20
20
R6
10K
ACK
MC68K
AEN
TPON
R XDV
D3
LED
C32
0.01u
TXCK
GND
R3
10K
ATFD#
3.3V
R XDV
OFF
TXD2
FULL LED
80186
TPIN
3A0h
SD14
C31
0.01u
*2
Pin 50 PPD_SET = 0 : Internal PHY in normal mode.(default)
Pin 50 PPD_SET = 1 : Internal PHY in power down mode.(match up CIS)
*5
TPIN
C27
0.01u
R XER
TPON
320h
OFF
FULL
GND
+ C3
4.7uF/16V
SMD 1206
R XCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com