Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796LF Datasheet(PDF) 55 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 55 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 55Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 56Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 57Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 58Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 59Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
ASIX ELECTRONICS CORPORATION
55
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
7.4 A.C. Timing Characteristics
7.4.1 XTAL / CLOCK
LCLK/XTALIN
Tr
Tf
Tlow
CLKO
Tod
Symbol
Description
Min
Typ.
Max
Units
Tcyc
CYCLE TIME
40
ns
Thigh
CLK HIGH TIME
16
20
24
ns
Tlow
CLK LOW TIME
16
20
24
ns
Tr/Tf
CLK SLEW RATE
1
-
4
ns
Tod
LCLK/XTALIN TO CLKO OUT DELAY
10
7.4.2 Reset Timing
LCLK/XTALIN
RESET
/RESET
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width
100
-
-
LClk
Warning: Some chips may needed long power down for successful PHY auto
negotiation
Root of cause:
The PHY inside of AX88796 has a special request due to the semiconductor’s process. Namely,
it needs a very long power down for successful Auto Negotiation for some chips. We made a test
in lab and found it would be no problem if the PHY's initial time kept for 2 sec for all chips. If the
power down is less then this number, some of the PHY's Auto Negotiation will not be complete
and there will be potential to cause the link fail. If the auto negotiation time is not long enough,
uncertain numbers of chip may not work properly.
Tcyc
Thigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com