Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 103 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 103 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 99Page - Texas Instruments SWCS049H Datasheet HTML 100Page - Texas Instruments SWCS049H Datasheet HTML 101Page - Texas Instruments SWCS049H Datasheet HTML 102Page - Texas Instruments SWCS049H Datasheet HTML 103Page - Texas Instruments SWCS049H Datasheet HTML 104Page - Texas Instruments SWCS049H Datasheet HTML 105Page - Texas Instruments SWCS049H Datasheet HTML 106Page - Texas Instruments SWCS049H Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 119 page
background image
103
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
Reserved
PWM_FREQ
Bits
Field Name
Description
Type
Reset
7:2
Reserved
Reserved bit
RO
R returns
0s
0x00
1:0
PWM_FREQ
Frequency of PWM:
00: 500 Hz
01: 250 Hz
10: 125 Hz
11: 62.5 Hz
RW
0x0
Table 6-87. PWM_CTRL2_REG
Address Offset
0x6F
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
PWM duty cycle.
Type
RW
7
6
5
4
3
2
1
0
FREQ_DUTY_CYCLE
Bits
Field Name
Description
Type
Reset
7:0
FREQ_DUTY_CYCLE Duty cycle of PWM:
00000000: 0/256
...
11111111: 255/256
RW
0x00
Table 6-88. SPARE_REG
Address Offset
0x70
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
Spare functional register
Type
RW
7
6
5
4
3
2
1
0
SPARE
Bits
Field Name
Description
Type
Reset
7:0
SPARE
Spare bits
RW
0x00
Table 6-89. VERNUM_REG
Address Offset
0x80
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
Silicon version number
Type
RW
7
6
5
4
3
2
1
0
READ_BOOT
Reserved
VERNUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com