Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 105 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 105 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 101Page - Texas Instruments SWCS049H Datasheet HTML 102Page - Texas Instruments SWCS049H Datasheet HTML 103Page - Texas Instruments SWCS049H Datasheet HTML 104Page - Texas Instruments SWCS049H Datasheet HTML 105Page - Texas Instruments SWCS049H Datasheet HTML 106Page - Texas Instruments SWCS049H Datasheet HTML 107Page - Texas Instruments SWCS049H Datasheet HTML 108Page - Texas Instruments SWCS049H Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 119 page
background image
105
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Applications, Implementation, and Layout
Copyright © 2010–2016, Texas Instruments Incorporated
7
Applications, Implementation, and Layout
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
7.1
Package Description
The following table lists the package descriptions for the TPS65911x PMU devices:
PACKAGE
TPS65911x
Type
ZRC98 BGA Microstar Junior
Size (mm)
6 × 9
Substrate layers
1 layer
Pitch ball array (mm)
0.65 mm
Number of balls
98
Thickness (mm) (maximum height including balls)
1 mm
7.2
PCB Layout
The package ballout of the TPS65911x device supports the use of inexpensive 4-layer, non-HID board
technology. Figure 7-1 shows an example layout.
Regardless of the chosen board technology, special care must be taken when designing the board layout
for the TPS65911x to ensure performance. For detailed guidelines, see TPS65911 Layout Guidelines
(SWCU080).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com